Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 70Page - STMicroelectronics ST6201C Datasheet HTML 71Page - STMicroelectronics ST6201C Datasheet HTML 72Page - STMicroelectronics ST6201C Datasheet HTML 73Page - STMicroelectronics ST6201C Datasheet HTML 74Page - STMicroelectronics ST6201C Datasheet HTML 75Page - STMicroelectronics ST6201C Datasheet HTML 76Page - STMicroelectronics ST6201C Datasheet HTML 77Page - STMicroelectronics ST6201C Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
ST6200C/ST6201C/ST6203C
74/100
EMC CHARACTERISTICS (Cont’d)
11.7.2 Absolute Electrical Sensitivity
Based on three different tests (ESD, LU and DLU)
using specific measurement methods, the product
is stressed in order to determine its performance in
terms of electrical sensitivity. For more details, re-
fer to the AN1181 application note.
11.7.2.1 Electro-Static Discharge (ESD)
Electro-Static Discharges (3 positive then 3 nega-
tive pulses separated by 1 second) are applied to
the pins of each sample according to each pin
combination. The sample size depends of the
number of supply pins of the device (3 parts*(n+1)
supply pin). Two models are usually simulated:
Human Body Model and Machine Model. This test
conforms to the JESD22-A114A/A115A standard.
See Figure 51 and the following test sequences.
Human Body Model Test Sequence
– CL is loaded through S1 by the HV pulse gener-
ator.
– S1 switches position from generator to R.
– A discharge from CL through R (body resistance)
to the ST6 occurs.
– S2 must be closed 10 to 100ms after the pulse
delivery period to ensure the ST6 is not left in
charge state. S2 must be opened at least 10ms
prior to the delivery of the next pulse.
Machine Model Test Sequence
– CL is loaded through S1 by the HV pulse gener-
ator.
– S1 switches position from generator to ST6.
– A discharge from CL to the ST6 occurs.
– S2 must be closed 10 to 100ms after the pulse
delivery period to ensure the ST6 is not left in
charge state. S2 must be opened at least 10ms
prior to the delivery of the next pulse.
– R (machine resistance), in series with S2, en-
sures a slow discharge of the ST6.
Absolute Maximum Ratings
Notes:
1. Data based on characterization results, not tested in production.
Figure 51. Typical Equivalent ESD Circuits
Symbol
Ratings
Conditions
Maximum value 1) Unit
VESD(HBM)
Electro-static discharge voltage
(Human Body Model)
TA=+25°C
2000
V
VESD(MM)
Electro-static discharge voltage
(Machine Model)
TA=+25°C
200
ST6
S2
R=1500
S1
HIGH VOLTAGE
CL=100pF
PULSE
GENERATOR
ST6
S2
HIGH VOLTAGE
CL=200pF
PULSE
GENERATOR
S1
HUMAN BODY MODEL
MACHINE MODEL
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com