Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 29Page - STMicroelectronics ST6201C Datasheet HTML 30Page - STMicroelectronics ST6201C Datasheet HTML 31Page - STMicroelectronics ST6201C Datasheet HTML 32Page - STMicroelectronics ST6201C Datasheet HTML 33Page - STMicroelectronics ST6201C Datasheet HTML 34Page - STMicroelectronics ST6201C Datasheet HTML 35Page - STMicroelectronics ST6201C Datasheet HTML 36Page - STMicroelectronics ST6201C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 100 page
background image
ST6200C/ST6201C/ST6203C
33/100
7.3 STOP MODE
STOP mode is the lowest power consumption
mode of the MCU (see Figure 22).
The MCU goes into STOP mode as soon as the
STOP instruction is executed. This has the follow-
ing effects:
– Program execution is stopped, the microcontrol-
ler can be considered as being “frozen”.
– The contents of RAM and the peripheral regis-
ters are kept safely as long as the power supply
voltage is higher than the RAM retention voltage.
– The oscillator is stopped, so peripherals cannot
work except the those that can be driven by an
external clock.
Exit from STOP Mode
The MCU remains in STOP mode until one of the
following events occurs:
– RESET (Watchdog, LVD or RESET pin)
– A peripheral interrupt (assuming this peripheral
can be driven by an external clock)
– An external interrupt (I/O port, NMI)
In all cases a delay of 2048 clock cycles (f
INT) is
generated to make sure the oscillator has started
properly.
The Program Counter then points to the starting
address of the interrupt or RESET service routine
(see Figure 21).
STOP Mode and Watchdog
When the Watchdog is active (hardware or soft-
ware activation), the STOP instruction is disabled
and a WAIT instruction will be executed in its place
unless the EXCTNL option bit is set to 1 in the op-
tion bytes and a a high level is present on the NMI
pin. In this case, the STOP instruction will be exe-
cuted and the Watchdog will be frozen.
Figure 21. STOP Mode Timing Overview
STOP
RUN
RUN
2048
RESET
OR
INTERRUPT
STOP
INSTRUCTION
FETCH
VECTOR
CYCLE
CLOCK
DELAY
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com