Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 8Page - STMicroelectronics ST6201C Datasheet HTML 9Page - STMicroelectronics ST6201C Datasheet HTML 10Page - STMicroelectronics ST6201C Datasheet HTML 11Page - STMicroelectronics ST6201C Datasheet HTML 12Page - STMicroelectronics ST6201C Datasheet HTML 13Page - STMicroelectronics ST6201C Datasheet HTML 14Page - STMicroelectronics ST6201C Datasheet HTML 15Page - STMicroelectronics ST6201C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
ST6200C/ST6201C/ST6203C
12/100
MEMORY MAP (Cont’d)
3.1.6 Data ROM Window
The Data read-only memory window is located
from address 0040h to address 007Fh in Data
space. It allows direct reading of 64 consecutive
bytes located anywhere in program memory, be-
tween address 0000h and 0FFFh.
There are 64 blocks of 64 bytes in a 4K device:
– Block 0 is related to the address range 0000h to
003Fh.
– Block 1 is related to the address range 0040h to
007Fh.
and so on...
All the program memory can therefore be used to
store either instructions or read-only data. The
Data ROM window can be moved in steps of 64
bytes along the program memory by writing the
appropriate code in the Data ROM Window Regis-
ter (DRWR).
Figure 5. Data ROM Window
3.1.6.1 Data ROM Window Register (DRWR)
The DRWR can be addressed like any RAM loca-
tion in the Data Space.
This register is used to select the 64-byte block of
program memory to be read in the Data ROM win-
dow (from address 40h to address 7Fh in Data
space). The DRWR register is not cleared on re-
set, therefore it must be written to before access-
ing the Data read-only memory window area for
the first time.
Address: 0C9h
—
Write Only
Reset Value = xxh (undefined)
Bits 7:6 = Reserved, must be cleared.
Bit 5:0 = DRWR[5:0]
Data read-only memory Win-
dow Register Bits. These are the Data read-only
memory Window bits that correspond to the upper
bits of the data read-only memory space.
Caution: This register is undefined on reset, it is
write-only, therefore do not read it nor access it us-
ing Read-Modify-Write instructions (SET, RES,
INC and DEC).
0000h
0FFFh
000h
040h
07Fh
0FFh
DATA ROM
WINDOW
DATA SPACE
64-BYTE
ROM
PROGRAM
SPACE
70
-
-
DRWR5 DRWR4 DRWR3 DRWR2 DRWR1 DRWR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com