Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 66Page - STMicroelectronics ST6201C Datasheet HTML 67Page - STMicroelectronics ST6201C Datasheet HTML 68Page - STMicroelectronics ST6201C Datasheet HTML 69Page - STMicroelectronics ST6201C Datasheet HTML 70Page - STMicroelectronics ST6201C Datasheet HTML 71Page - STMicroelectronics ST6201C Datasheet HTML 72Page - STMicroelectronics ST6201C Datasheet HTML 73Page - STMicroelectronics ST6201C Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
ST6200C/ST6201C/ST6203C
70/100
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
11.5.4 RC Oscillator
The ST6 internal clock can be supplied with an external RC oscillator. Depending on the RNET value, the
accuracy of the frequency is about 20%, so it may not be suitable for some applications.
Notes:
1. Data based on characterization results, not tested in production. These measurements were done with the OSCin pin
unconnected (only soldered on the PCB).
2. RNET must have a positive temperature coefficient (ppm/°C), carbon resistors should therefore not be used.
Figure 45. Typical Application with RC Oscillator
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
RC oscillator frequency 1)
RNET=22 kΩ
RNET=47 kΩ
RNET=100 kΩ
RNET=220 kΩ
RNET=470 kΩ
7.2
5.1
3.2
1.8
0.9
8.6
5.7
3.4
1.9
0.95
10
6.5
3.8
2
1.1
MHz
RNET=22 kΩ
RNET=47 kΩ
RNET=100 kΩ
RNET=220 kΩ
RNET=470 kΩ
3.7
2.8
1.8
1
0.5
4.3
3
1.9
1.1
0.55
4.9
3.3
2
1.2
0.6
RNET
RC Oscillator external resistor 2)
see Figure 46 & Figure 47
22
870
k
OSCIN
OSCOUT
RNET
EXTERNAL RC
CEX~9pF DISCHARGE
ST62XX
VDD
VDD
fOSC
VDD
NC
MIRROR
CURRENT
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com