Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 26Page - STMicroelectronics ST6201C Datasheet HTML 27Page - STMicroelectronics ST6201C Datasheet HTML 28Page - STMicroelectronics ST6201C Datasheet HTML 29Page - STMicroelectronics ST6201C Datasheet HTML 30Page - STMicroelectronics ST6201C Datasheet HTML 31Page - STMicroelectronics ST6201C Datasheet HTML 32Page - STMicroelectronics ST6201C Datasheet HTML 33Page - STMicroelectronics ST6201C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
ST6200C/ST6201C/ST6203C
30/100
6.9 REGISTER DESCRIPTION
INTERRUPT OPTION REGISTER (IOR)
Address: 0C8h
Write Only
Reset status: 00h
Caution: This register is write-only and cannot be
accessed by single-bit operations (SET, RES,
DEC,...).
Bit 7 =Reserved, must be cleared.
Bit 6 = LES
Level/Edge Selection bit.
0: Falling edge sensitive mode is selected for inter-
rupt vector #1
1: Low level sensitive mode is selected for inter-
rupt vector #1
Bit 5 = ESB
Edge Selection bit.
0: Falling edge mode on interrupt vector #2
1: Rising edge mode on interrupt vector #2
Bit 4 = GEN
Global Enable Interrupt.
0: Disable all maskable interrupts
1: Enable all maskable interrupts
Note: When the GEN bit is cleared, the NMI inter-
rupt is active but cannot be used to exit from STOP
or WAIT modes.
Bits 3:0 = Reserved, must be cleared.
Table 7. Interrupt Mapping
* Depending on device. See device summary on page 1.
70
-
LES
ESB
GEN
-
-
-
-
Vector
number
Source
Block
Description
Register
Label
Flag
Exit
from
STOP
Vector
Address
Priority
Order
RESET
Reset
N/A
N/A
yes
FFEh-FFFh
Vector #0
NMI
Non Maskable Interrupt
N/A
N/A
yes
FFCh-FFDh
NOT USED
FFAh-FFBh
FF8h-FF9h
Vector #1
Port A
Ext. Interrupt Port A
N/A
N/A
yes
FF6h-FF7h
Vector #2
Port B
Ext. Interrupt Port B
N/A
N/A
yes
FF4h-FF5h
Vector #3
TIMER
Timer underflow
TSCR
TMZ
yes
FF2h-FF3h
Vector #4
ADC *
End Of Conversion
ADCR
EOC
no
FF0h-FF1h
Priority
Lowest
Highest
Priority
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com