Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 54Page - STMicroelectronics ST6201C Datasheet HTML 55Page - STMicroelectronics ST6201C Datasheet HTML 56Page - STMicroelectronics ST6201C Datasheet HTML 57Page - STMicroelectronics ST6201C Datasheet HTML 58Page - STMicroelectronics ST6201C Datasheet HTML 59Page - STMicroelectronics ST6201C Datasheet HTML 60Page - STMicroelectronics ST6201C Datasheet HTML 61Page - STMicroelectronics ST6201C Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 100 page
background image
ST6200C/ST6201C/ST6203C
58/100
11 ELECTRICAL CHARACTERISTICS
11.1 PARAMETER CONDITIONS
Unless otherwise specified, all voltages are re-
ferred to VSS.
11.1.1 Minimum and Maximum Values
Unless otherwise specified the minimum and max-
imum values are guaranteed in the worst condi-
tions of ambient temperature, supply voltage and
frequencies by tests in production on 100% of the
devices with an ambient temperature at TA=25°C
and TA=TAmax (given by the selected temperature
range).
Data based on characterization results, design
simulation and/or technology characteristics are
indicated in the table footnotes and are not tested
in production. Based on characterization, the min-
imum and maximum values refer to sample tests
and represent the mean value plus or minus three
times the standard deviation (mean±3
Σ).
11.1.2 Typical Values
Unless otherwise specified, typical data are based
on TA=25°C, VDD=5V (for the 4.5V≤VDD≤6.0V
voltage
range)
and
VDD=3.3V
(for
the
3V
≤V
DD≤3.6V voltage range). They are given only
as design guidelines and are not tested.
11.1.3 Typical Curves
Unless otherwise specified, all typical curves are
given only as design guidelines and are not tested.
11.1.4 Loading Capacitor
The loading conditions used for pin parameter
measurement is shown in Figure 30.
Figure 30. Pin Loading Conditions
11.1.5 Pin Input Voltage
The input voltage measurement on a pin of the de-
vice is described in Figure 31.
Figure 31. Pin Input Voltage
CL
ST6 PIN
VIN
ST6 PIN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com