Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 73Page - STMicroelectronics ST6201C Datasheet HTML 74Page - STMicroelectronics ST6201C Datasheet HTML 75Page - STMicroelectronics ST6201C Datasheet HTML 76Page - STMicroelectronics ST6201C Datasheet HTML 77Page - STMicroelectronics ST6201C Datasheet HTML 78Page - STMicroelectronics ST6201C Datasheet HTML 79Page - STMicroelectronics ST6201C Datasheet HTML 80Page - STMicroelectronics ST6201C Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
ST6200C/ST6201C/ST6203C
77/100
11.8 I/O PORT PIN CHARACTERISTICS
11.8.1 General Characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 55. Typical RPU vs. VDD with VIN = VSS
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The RPU pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results,
not tested in production.
5. Data based on characterization results, not tested in production.
6. To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.
Figure 56. Two typical Applications with unused I/O Pin
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL
Input low level voltage 2)
0.3xVDD
V
VIH
Input high level voltage 2)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis 3)
VDD=5V
200
400
mV
VDD=3.3V
200
400
IL
Input leakage current
VSSVINVDD
(no pull-up configured)
0.1
1
µA
RPU
Weak pull-up equivalent resistor 4)
VIN=VSS
VDD=5V
40
110
350
k
VDD=3.3V
80
230
700
CIN
I/O input pin capacitance
5
10
pF
COUT
I/O output pin capacitance
5
10
pF
tf(IO)out
Output high to low level fall time 5)
CL=50pF
Between 10% and 90%
30
ns
tr(IO)out
Output low to high level rise time 5)
35
tw(IT)in
External interrupt pulse time 6)
1tCPU
34
56
VDD [V]
50
100
150
200
250
300
350
Rpu [Khom]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
10k
UNUSED I/O PORT
ST62XX
10k
UNUSED I/O PORT
ST62XX
VDD
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com