Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6201C Datasheet(PDF) 48 Page - STMicroelectronics

Part # ST6201C
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6201C Datasheet(HTML) 48 Page - STMicroelectronics

Back Button ST6201C Datasheet HTML 44Page - STMicroelectronics ST6201C Datasheet HTML 45Page - STMicroelectronics ST6201C Datasheet HTML 46Page - STMicroelectronics ST6201C Datasheet HTML 47Page - STMicroelectronics ST6201C Datasheet HTML 48Page - STMicroelectronics ST6201C Datasheet HTML 49Page - STMicroelectronics ST6201C Datasheet HTML 50Page - STMicroelectronics ST6201C Datasheet HTML 51Page - STMicroelectronics ST6201C Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
ST6200C/ST6201C/ST6203C
48/100
9.3 A/D CONVERTER (ADC)
9.3.1 Introduction
The on-chip Analog to Digital Converter (ADC) pe-
ripheral is a 8-bit, successive approximation con-
verter. This peripheral has multiplexed analog in-
put channels (refer to device pin out description)
that allow the peripheral to convert the analog volt-
age levels from different sources.
The result of the conversion is stored in a 8-bit
Data Register. The A/D converter is controlled
through a Control Register.
9.3.2 Main Features
s
8-bit conversion
s
Multiplexed analog input channels
s
Linear successive approximation
s
Data register (DR) which contains the results
s
End of Conversion flag
s
On/Off bit (to reduce consumption)
s
Typical conversion time 70 µs (with an 8 MHz
crystal)
The block diagram is shown in Figure 28.
Figure 28. ADC Block Diagram
Note: ADC not present on some devices. See device summary on page 1.
OSC
AD
EAI EOC STA PDS
ADCR
AIN0
AIN1
ANALOG TO DIGITAL
CONVERTER
AINx
PORT
MUX
ADR2 ADR1
ADR3
ADR7 ADR6 ADR5 ADR4
ADR0
ADR
DIV 12
fADC
fINT
DDRx
ORx
DRx
I/O PORT
OFF
CR3
AD
CR1
AD
CR0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com