Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 139Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 140Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 141Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 142Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 143Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 144Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 145Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 146Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 143 of 269
M306V2ME-XXXFP, M306V2EEFP
Item
Standard Clock Mode
High-speed Clock Mode
Setup time
5.35
µs (53.5 cycles)
1.85
µs (18.5 cycles)
Hold time
4.9
µs (49 cycles)
2.4
µs (24 cycles)
Set/reset time for BB flag
3.75
µs (37.5 cycles)
0.85
µs (8.5 cycles)
(7) START condition generation method
When the ESO bit of the I2Ci control register is “1,” execute a write instruction to the I2Ci status register
to set the MST, TRX and BB bits to “1.” A START condition will then be generated. After that, the bit
counter becomes “0002” and an SCL for 1 byte is output. The START condition generation timing and
BB bit set timing are different in the standard clock mode and the high-speed clock mode. Refer to
Figure 2.11.42 for the START condition generation timing diagram, and Table 2.11.13 for the START
condition/STOP condition generation timing table.
(8) STOP condition generation method
When the ESO bit of the I2Ci control register is “1,” execute a write instruction to the I2Ci status register
for setting the MST bit and the TRX bit to “1” and the BB bit to “0”. A STOP condition will then be
generated. The STOP condition generation timing and the BB flag reset timing are different in the
standard clock mode and the high-speed clock mode. Refer to Figure 2.11.43 for the STOP condition
generation timing diagram, and Table 2.11.13 for the START condition/STOP condition generation
timing table.
Fig. 2.11.42 START condition generation timing diagram
Fig. 2.11.43 STOP condition generation timing diagram
Table 2.11.13 START condition/STOP condition generation timing table
Note: Absolute time at BCLK = 10 MHz. The value in parentheses denotes the number of BCLK cycles.
I2Ci status register write signal
Set time for
BB flag
Hold time
Setup
time
SCL
SDA
BB flag
I2Ci status register write signal
Reset time
for
BB flag
Hold time
Setup
time
SCL
SDA
BB flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com