Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 142Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 143Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 144Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 145Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 146Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 147Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 148Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 149Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 146 of 269
M306V2ME-XXXFP, M306V2EEFP
(11) Example of Master Transmission
An example of master transmission in the standard clock mode, at the SCL frequency of 100 kHz and
in the ACK return mode is shown below.
➀ Set a slave address in the high-order 7 bits of the I2Ci address register and “0” in the RBW bit.
➁ Set the ACK return mode and SCL = 100 kHz by setting “8516” in the I2Ci clock control register.
➂ Set “1016” in the I2Ci status register and hold the SCL at the HIGH.
➃ Set a communication enable status by setting “0816” in the I2Ci control register.
➄ Set the address data of the destination of transmission in the high-order 7 bits of the I2Ci data shift
register and set “0” in the least significant bit.
➅ Set “F016” in the I2Ci status register to generate a START condition. At this time, an SCL for 1 byte
and an ACK clock automatically occurs.
➆ Set transmit data in the I2Ci data shift register. At this time, an SCL and an ACK clock automatically
occurs.
➇ When transmitting control data of more than 1 byte, repeat step ➆.
➈ Set “D016” in the I2Ci status register. After this, if ACK is not returned or transmission ends, a STOP
condition will be generated.
(12) Example of Slave Reception
An example of slave reception in the high-speed clock mode, at the SCL frequency of 400 kHz, in the
ACK non-return mode, using the addressing format, is shown below.
➀ Set a slave address in the high-order 7 bits of the I2Ci address register and “0” in the RBW bit.
➁ Set the no ACK clock mode and SCL = 400 kHz by setting “2516” in the I2Ci clock control register.
➂ Set “1016” in the I2Ci status register and hold the SCL at the HIGH.
➃ Set a communication enable status by setting “0816” in the I2Ci control register.
➄ When a START condition is received, an address comparison is made.
➅
•When all transmitted address are“0” (general call):
AD0 of the I2Ci status register is set to “1”and an interrupt request signal occurs.
•When the transmitted addresses match the address set in ➀:
ASS of the I2Ci status register is set to “1” and an interrupt request signal occurs.
•In the cases other than the above:
AD0 and AAS of the I2Ci status register are set to “0” and no interrupt request signal occurs.
➆ Set dummy data in the I2Ci data shift register.
➇ When receiving control data of more than 1 byte, repeat step ➆.
➈ When a STOP condition is detected, the communication ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com