Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 141Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 142Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 143Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 144Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 145Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 146Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 147Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 148Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 145 of 269
M306V2ME-XXXFP, M306V2EEFP
(10) Address data communication
There are two address data communication formats, namely, 7-bit addressing format and 10-bit ad-
dressing format. The respective address communication formats is described below.
s 7-bit addressing format
To meet the 7-bit addressing format, set the 10BIT SAD bit of the I2Ci control register to “0.” The first
7-bit address data transmitted from the master is compared with the high-order 7-bit slave address
stored in the I2Ci address register. At the time of this comparison, address comparison of the RBW bit
of the I2Ci address register is not made. For the data transmission format when the 7-bit addressing
format is selected, refer to Figure 2.11.45, (1) and (2).
s 10-bit addressing format
To meet the 10-bit addressing format, set the 10BIT SAD bit of the I2Ci control register to “1.” An
address comparison is made between the first-byte address data transmitted from the master and the
7-bit slave address stored in the I2Ci address register. At the time of this comparison, an address
___
comparison between the RBW bit of the I2Ci address register and the R/W bit which is the last bit of
___
the address data transmitted from the master is made. In the 10-bit addressing mode, the R/W bit
which is the last bit of the address data not only specifies the direction of communication for control
data but also is processed as an address data bit.
When the first-byte address data matches the slave address, the AAS bit of the I2Ci status register is
set to “1.” After the second-byte address data is stored into the I2Ci data shift register, make an
address comparison between the second-byte data and the slave address by software. When the
address data of the 2nd bytes matches the slave address, set the RBW bit of the I2Ci address register
___
to “1” by software. This processing can match the 7-bit slave address and R/W data, which are re-
ceived after a RESTART condition is detected, with the value of the I2Ci address register. For the data
transmission format when the 10-bit addressing format is selected, refer to Figure 2.11.45, (3) and (4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com