Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 145Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 146Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 147Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 148Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 149Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 150Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 151Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 152Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 149 of 269
M306V2ME-XXXFP, M306V2EEFP
Table 2.12.1 Performance of A-D converter
Item
Performance
Method of A-D conversion Successive approximation (capacitive coupling amplifier)
Analog input voltage (Note 1) 0V to AVCC (VCC)
Operating clock
φAD (Note 2) fAD/divide-by-2 of fAD/divide-by-4 of fAD, fAD=f(XIN)
Resolution8-bit
Absolute precisionVCC = 5V
• Without sample and hold function: ±5 LSB
• With sample and hold function: ±5 LSB
Operating modes
One-shot mode, repeat mode, single sweep mode, repeat sweep mode 0,
and repeat sweep mode 1
Analog input pins
6 pins (AN0 to AN5)
A-D conversion start condition • Software trigger
A-D conversion starts when the A-D conversion start flag changes to “1”
Conversion speed per pin • Without sample and hold function
49
φAD cycles
• With sample and hold function
28
φAD cycles
2.12 A-D Converter
The A-D converter consists of one 8-bit successive approximation A-D converter circuit with a capacitive coupling
amplifier. Pins P102 to P107 also function as the analog signal input pins. The direction registers of these pins for A-
D conversion must therefore be set to input. The Vref connect bit (bit 5 at address 03D716) can be used to isolate the
resistance ladder of the A-D converter from the reference voltage (VREF) when the A-D converter is not used. Doing
so stops any current flowing into the resistance ladder from VREF, reducing the power dissipation. When using the A-
D converter, start A-D conversion only after setting bit 5 of 03D716 to connect VREF.
The result of A-D conversion is stored in the A-D registers of the selected pins.
Table 2.12.1 shows the performance of the A-D converter. Figure 2.12.1 shows the block diagram of the A-
D converter, and Figures 2.12.2 to 2.12.5 show the A-D converter-related registers.
Notes 1: Does not depend on use of sample and hold function.
2: Divide the frequency if f(XIN) exceeds 10 MHz, and make
φAD frequency equal to 10 MHz. Without
sample and hold function, set the
φAD frequency to 250kHz min.
With the sample and hold function, set the
φAD frequency to 1MHz min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com