Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 226Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 227Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 228Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 229Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 230Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 231Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 232Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 233Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 230 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.19 R, G, B Signal Output Control
The form of R, G, B signal output is controlled by bit 4 of the clock register and bit 2 of the OSD control
register 2 as the table below.
0
1
0
1
Table 2.16.13 R, G, B signal output control
Note: When bit 4 of the clock control register is “1,” ports P57, P60, P73 function as OSD function pins R', G', B', respectively. When
emulating, however, set bit 4 to “0.”
Bit 2 of OSD
control register 2
Bit 4 of clock
control register
Each R, G, B pin outputs 2 values (digital output).
Each R, G, B pin outputs 8 values (analog output).
Each R, R' (P73), G, G' (P60), B, B' (P57) pin outputs 2 values.
(Corresponding to each signal output control bits of color palette register i)
R, G, B: CRi_1, CRi_5, CRi_9, respectively
R', G', B': CRi_0, CRi_4, CRi_8, respectively
Form of R, G, B signal output
2.16.18 Scan Mode
This microcomputer has the bi-scan mode for corresponding to HSYNC of double speed frequency. In the
bi-scan mode, the vertical start display position and the vertical size is two times as compared with the
normal scan mode. The scan mode is selected by bit 1 of the OSD control register 1 (refer to Figure
2.16.3).
Bit 1 of OSD control register 1
Vertical display start position
Vertical dot size
Table 2.16.12 Setting for scan mode
Normal Scan
0
Value of vertical position register ✕ 1H
1TC ✕ 1/2H
1TC ✕ 1H
2TC ✕ 2H
3TC ✕ 3H
Bi-Scan
1
Value of vertical position register ✕ 2H
1TC ✕ 1H
1TC ✕ 2H
2TC ✕ 4H
3TC ✕ 6H
Scan Mode
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com