Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 227Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 228Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 229Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 230Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 231Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 232Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 233Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 234Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 231 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.53 OSD reserved register i (i=1, 2)
2.16.20 OSD Reserved Register
OSD reserved register i (i=1, 2)
Symbol
Address
When reset
OR1
025D16
0016
OR2
027C16
0016
b7
b6
b5
b4
b3
b2
b1
b0
Reserved bits
Bit symbol
Bit name
Description
RW
Mest always be sed to “0”
00
0
0
0
00
0
Figure 2.16.54 OSD reserved register 3
OSD reserved register 3
Symbol
Address
When reset
OR3
027B16
XX0000002
b7
b6
b5
b4
b3
b2
b1
b0
Reserved bits
Bit symbol
Bit name
Description
RW
Mest always be set to “0”
00
0
0
0
00
0
Reserved bits
Mest always be set to “0”
Figure 2.16.55 OSD reserved register 4
OSD reserved register 4
Symbol
Address
When reset
OR4
027A16
XX0000002
b7
b6
b5
b4
b3
b2
b1
b0
Bit symbol
Bit name
Description
RW
00
0
00
00
Reserved bits
Mest always be set to “0”
Reserved bit
Mest always be set to “0”
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com