Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 229Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 230Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 231Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 232Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 233Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 234Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 235Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 236Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 233 of 269
M306V2ME-XXXFP, M306V2EEFP
2.17.3 Pull-up Control Registers
Figures 2.17.15 to 2.17.17 show the pull-up control registers.
The pull-up control register can be set to apply a pull-up resistance to each block of 4 ports. When ports
are set to have a pull-up resistance, the pull-up resistance is connected only when the direction register is
set for input.
However, in memory expansion mode and microprocessor mode, pull-up control register of P0 to P5 is
invalid.
2.17.4 Port Control Register
Figure 2.17.14 shows the port control register.
The bit 0 of port control register is used to read port P1 as follows:
0: When port P1 is input port, port input level is read.
When port P1 is output port, the contents of port P1 register is read.
1: The contents of port P1 register is read through port P1 is input/output port.
This register is valid in the following :
• External bus width is 8 bits in microprocessor mode or memory expansion mode.
• Port P1 can be used as a port in multiplexed bus for the entire space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com