Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 233Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 234Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 235Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 236Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 237Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 238Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 239Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 240Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 237 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.17.4 Programmable I/O ports (4)
Figure 2.17.5 I/O pins
P87
P86
fc
Rf
Rd
Data bus
Direction register
Pull-up selection
Port latch
"1"
Output
Direction register
Pull-up selection
Port latch
Data bus
Note :
symbolizes a parasitic diode.
Don't apply a voltage higher than Vcc to each port.
(Note)
(Note)
BYTE
BYTE signal input
CNVSS
CNVSS signal input
RESET
RESET signal input
Notes1:
symbolizes a parasitic diode.
Don't apply a voltage higher than Vcc to each pin.
2: A parasitic diode on the VCC side is added to the mask ROM version.
Don't apply a voltage higher than Vcc to each pin.
(Note 2)
(Note 1)
(Note 2)
(Note 1)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com