Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 235Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 236Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 237Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 238Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 239Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 240Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 241Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 242Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 239 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.17.9 Port P9 direction register
Port P8 direction register
Symbol
Address
When reset
PD8
03F216
00X000002
Bit name
Function
Bit symbol
W
R
b7b6
b5
b4
b3
b2
b1
b0
PD8_2
Port P82 direction register
PD8_3
Port P83 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
PD8_6
Port P86 direction register
PD8_7
Port P87 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
1
Reserved bits
Must always be set to “0”
00
Reserved bit
Must always be set to “1”
Nothing is assigned.
In an attempt to write to this bit, write “0.”
The value, if read, turns out to be indeterminate.
Figure 2.17.8 Port P8 direction register
Port P9 direction register
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
PD9_0
Port P90 direction register
PD9_1
Port P91 direction register
PD9_4
Port P94 direction register
0 : Input mode
(Functions as an input port)
1 : Output mode
(Functions as an output port)
1
1 1
Symbol
Address
When reset
PD9
03F316
0016
PD9_2
Port P92 direction register
PD9_3
Port P93 direction register
Reserved bits
Must always be set to “1”
Note: Set bit 2 of protect register (address 000A 16) to “1” before rewriting to
the port P9 direction register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com