Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 239Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 240Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 241Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 242Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 243Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 244Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 245Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 246Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 243 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.17.16 Pull-up control register 1
Figure 2.17.17 Pull-up control register 2
Pull-up control register 1
Symbol
Address
When reset
PUR1
03FD16
0016 (Note 3)
Bit name
Function
Bit symbol
W
R
b7b6
b5
b4
b3
b2
b1
b0
PU10
P40 to P43 pull-up
PU11
P44 to P47 pull-up
PU12
P50 to P53 pull-up
PU13
P54 to P57 pull-up
PU14
P60 to P63 pull-up
PU15
P67 pull-up(Note 2)
PU16
P72 and P73 pull-up (Note 1)
PU17
P74 to P77 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
Notes 1: Since P70 and P71 are N-channel open drain ports, pull-up is not available for them.
2: Pull-up is not available for P6 7 and P72, when they are used as I 2C bus interface ports.
3: When the VCC level is being impressed to the CNV SS terminal, the reset value of this
register becomes to 02 16 (PU11 becomes to “1”).
Nothing is assigned.
In an attempt to write to these bits, write “0.”
The value, if read, turns out to be “0.”
Pull-up control register 2
Symbol
Address
When reset
PUR2
03FE16
0016
Bit name
Function
Bit symbol
W
R
b7b6
b5
b4
b3
b2
b1
b0
PU20
P82 and P83 pull-up
PU21
P86 and P87 pull-up
PU22
P90 to P93 pull-up
PU24
P100 to P103 pull-up
PU25
P104 to P107 pull-up
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
The corresponding port is pulled
high with a pull-up resistor
0 : Not pulled high
1 : Pulled high
PU23
P94 pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com