Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 236Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 237Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 238Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 239Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 240Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 241Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 242Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 243Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 240 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.17.10 Port Pi register (i = 0 to 10, except 6, 8, 9)
Figure 2.17.11 Port P6 register
Port Pi register
Symbol
Address
When reset
Pi (i = 0 to 10, except 6, 8, 9)
03E016, 03E116, 03E416, 03E516,
Indeterminate
03E816, 03E916, 03ED16, 03F416
Indeterminate
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Pi_0
Port Pi0 register
Pi_2
Port Pi2 register
Pi_3
Port Pi3 register
Pi_5
Port Pi5 register
Pi_6
Port Pi6 register
Pi_7
Port Pi7 register
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data
(i = 0 to 10 except 6, 8, 9)
Pi_4
Port Pi4 register
Pi_1
Port Pi1 register
Note: Since P70 and P71 are N-channel open-drain ports, the data is high-impedance.
Port P6 register
b7b6
b5
b4
b3
b2
b1
b0
Symbol
Address
When reset
P6
03EC16
Indeterminate
0
00
Bit name
Function
Bit symbol
W
R
P6_0
Port P60 register
P6_2
Port P62 register
P6_3
Port P63 register
Reserved bits
P6_7
Port P67 register
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data
P6_1
Port P61 register
Must always be set to “0”
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com