Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 237Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 238Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 239Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 240Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 241Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 242Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 243Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 244Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 241 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.17.13 Port P9 register 0
Figure 2.17.12 Port P8 register
Port P8 register
Symbol
Address
When reset
P8
03F016
Indeterminate
Bit name
Function
Bit symbol
W
R
b7b6
b5
b4
b3
b2
b1
b0
Reserved bits
P8_2
Port P82 register
P8_3
Port P83 register
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data
00
00
P8_6
Port P86 register
P8_7
Port P87 register
Must always be set to “0”
Reserved bits
Must always be set to “0”
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data
Port P9 register
Symbol
Address
When reset
P9
03F116
Indeterminate
b7b6
b5
b4
b3
b2
b1
b0
0
0
0
Bit name
Function
Bit symbol
W
R
P9_0
Port P90 register
P9_2
Port P92 register
P9_3
Port P93 register
Reserved bits
P9_4
Port P94 register
Data is input and output to and from
each pin by reading and writing to
and from each corresponding bit
0 : “L” level data
1 : “H” level data
P9_1
Port P91 register
Must always be set to “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com