Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 7Page - STMicroelectronics STV0119A Datasheet HTML 8Page - STMicroelectronics STV0119A Datasheet HTML 9Page - STMicroelectronics STV0119A Datasheet HTML 10Page - STMicroelectronics STV0119A Datasheet HTML 11Page - STMicroelectronics STV0119A Datasheet HTML 12Page - STMicroelectronics STV0119A Datasheet HTML 13Page - STMicroelectronics STV0119A Datasheet HTML 14Page - STMicroelectronics STV0119A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Active edge (programmable polarity)
Active edge (programmable polarity)
Active edge (programmable polarity)
128 T
ckref = 4.74µs
ODDEVEN
(see Note 1)
VSYNC
HSYNC
(see Note 2)
Line Numbers :
SMPTE-525
CCIR-625
4
1
5
2
6
3
266
313
267
314
268
315
269
316
Notes : 1. When ODDEVEN is a sync input, only one edge (“the active edge”) of the incoming ODDEVEN is taken into account for
synchronization. The “non-active” edge (2nd edge on this drawing) is not critical and its position may differ by H/2 from the location
shown.
2. The HSYNC pulse width indicated is valid when the STV0119A supplies HSYNC. In those slave modes wher e it receives HSYNC,
only the edge defined as active is relevant, and the width of the HSYNC pulse it receives is not critical.
Figure 9 : ODDEVEN, VSYNC and HSYNC Waveforms
HSYNC
(out)
ODDEVEN
(out)
CKREF
YCRCB
Cb
Y
Cr
Y’
Active Edge
(programmable polarity)
Active Edge
(programmable polarity)
1T
CKREF
Duration of HSYNC Pulse : 128 T
CKREF
Cr
Y’
Note :
1. This figure is valid for bits “syncout_ad[1:0]” = default.
Figure 10 : Master Mode Sync Signals
IV - FUNCTIONAL DESCRIPTION (continued)
IV.4 - Master Mode
In this mode, the STV0119A supplies HSYNC and
ODDEVEN sync signals (with independently pro-
grammable polarities) to drive other blocks. Refer
to Figure 9 and 10 for timings and waveforms.
The STV0119Astarts encoding and counting clock
cycles as soon as the master mode has been
loaded into the control register (Reg.0).
Configuration bits ”Syncout_ad[1:0]” (Reg4) allow
to shift the relative position of the sync signals by up
to 3 clock cycles to cope with any YCrCb phasing.
STV0119A
11/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com