Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics STV0119A Datasheet HTML 36Page - STMicroelectronics STV0119A Datasheet HTML 37Page - STMicroelectronics STV0119A Datasheet HTML 38Page - STMicroelectronics STV0119A Datasheet HTML 39Page - STMicroelectronics STV0119A Datasheet HTML 40Page - STMicroelectronics STV0119A Datasheet HTML 41Page - STMicroelectronics STV0119A Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_44 - cclif2 : Closed caption/extended data line insertion for field 2
TV line number where closed caption/extended data is to be encoded in field 2 is programmable through
the following register :
MSB
LSB
register_44
xxxx
xxxx
xxxx
I2_4
I2_3
I2_2
I2_1
I2_0
Default
00001
1
1
1
- 525/60 system : (525-SMPTE line number convention)
Only lines 273 through 284 should be used for closed caption or extended data services (preceding lines
contain the vertical sync pulses with equalizing pulses), although it is possible to program over a wider
range.
l2[4:0] = 00000 no line selected for closed caption encoding
l2[4:0] = 000xx do not use these codes
l2[4:0] = i line (269 +i) (SMPTE) selected for encoding
...
l2[4:0] = 01111 line 284 (SMPTE) selected for encoding
l2[4:0] = 11111 line 300 (SMPTE)
Note : if cgms is allowed on lines 20 and 283 (525/60, 525-SMPTE line number convention), closed
captions should not be programmed on these lines.
- 625/50 system : (625-CCIR line number convention)
Only lines 319 through 336 should be used for closed caption or extended data services (preceding lines
contain the vertical sync pulses with equalizing pulses), although it is possible to program over a wider
range.
l2[4:0] = 00000 no line selected for closed caption encoding (i > 0)
l2[4:0] = i line (318 +i) (CCIR) selected for encoding
...
l2[4:0] = 10010 line 336 (CCIR) selected for encoding
l2[4:0] = 11111 line 349 (CCIR)
(*) Default value = 01111 line 284 (525/60, 525-SMPTE line number convention).
This value also corresponds to line 333 in 625/50 system, (625-CCIR line number convention).
REGISTERS_45 up to 63 : Reserved
STV0119A
40/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com