Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 39 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics STV0119A Datasheet HTML 36Page - STMicroelectronics STV0119A Datasheet HTML 37Page - STMicroelectronics STV0119A Datasheet HTML 38Page - STMicroelectronics STV0119A Datasheet HTML 39Page - STMicroelectronics STV0119A Datasheet HTML 40Page - STMicroelectronics STV0119A Datasheet HTML 41Page - STMicroelectronics STV0119A Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_39-40 - cccf1 : Closed caption characters/extended data for field 1
First byte to encode in field1 :
MSB
LSB
register_39
opc11
c117
c116
c115
c114
c113
c112
c111
opc11
Odd-parity bit of US-ASCII 7-bit character c11[7:1]
Second byte to encode in field1:
MSB
LSB
register_40
opc12
c127
c126
c125
c124
c123
c122
c121
opc12
Odd-parity bit of US-ASCII 7-bit character c12[7:1]
Default value : none, but closed captions enabling without loading these registers will
issue character NULL. Registers 39-40 are never reset.
REGISTER_41-42 : cccf2 : Closed caption characters/extended data for field 2
First byte to encode in filed2 :
MSB
LSB
register_41
opc21
c217
c216
c215
c214
c213
c212
c211
opc21
Odd-parity bit of US-ASCII 7-bit character c21[7:1]
Second byte to encode in field2 :
MSB
LSB
register_42
opc22
c227
c226
c225
c224
c223
c222
c221
opc22
Odd-parity bit of US-ASCII 7-bit character c22[7:1]
Default value : none but closed captions enabling without loading these registers will
issue character NULL. Registers 41-42 are never reset.
REGISTER_43 - cclif1 : Closed caption/extended data line insertion for field 1
TV line number where closed caption/extended data is to be encoded in field 1 is programmable through
the following register :
MSB
LSB
register_43
xxxx
xxxx
xxxx
l1_4
l1_3
l1_2
l1_1
l1_0
Default
00001
1
1
1
- 525/60 system : (525-SMPTE line number convention)
Only lines 10 through 22 should be used for closed caption or extended data services (line 1 through 9
contain the vertical sync pulses with equalizing pulses).
l1[4:0] = 00000 no line selected for closed caption encoding
l1[4:0] = 000xx do not use these codes
...
l1[4:0] = i code line (i+6) (SMPTE) selected for encoding
...
l1[4:0] = 11111 line 37 (SMPTE) selected
- 625/50 system: (625-CCIR/ITU-R line number convention)
Only lines 7 through 23 should be used for closed caption or extended data services.
l1[4:0] = 00000 no line selected for closed caption encoding
...
l1[4:0] = i code line (i+6) (CCIR) selected for encoding (i > 0)
...
l1[4:0] = 11111 line 37 (CCIR) selected
(*) Default value = 01111 line 21 (525/60, 525-SMPTE line number convention).
This value also corresponds to line 21 in l625/50 system,(625-CCIR line number convention).
STV0119A
39/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com