Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 18Page - STMicroelectronics STV0119A Datasheet HTML 19Page - STMicroelectronics STV0119A Datasheet HTML 20Page - STMicroelectronics STV0119A Datasheet HTML 21Page - STMicroelectronics STV0119A Datasheet HTML 22Page - STMicroelectronics STV0119A Datasheet HTML 23Page - STMicroelectronics STV0119A Datasheet HTML 24Page - STMicroelectronics STV0119A Datasheet HTML 25Page - STMicroelectronics STV0119A Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
CKREF
(27MHz)
Cb
nosd
Cb
osd
Y
nosd
Y
osd
Cr
nosd
Cr
osd
Y’
nosd
Y’
osd
Cb
nosd
Cb
nosd
54Mbit/s
YCRCB Stream
Figure 32 : 54Mbit/s Dual YCRCB Stream
IV.17 - Dual Encoding Application with 54Mbit/s YCrCb Interface
IV - FUNCTIONAL DESCRIPTION (continued)
The STV0119A is able to interface with ST’s
MPEG decoders capable of supplying a 54-Mbit/s
YCrCB multiplex, like the STi3520M. This multiplex
embeds two 27Mbit/s YCrCb video streams, one
with OSD contents and the other without OSD
content (see Figure 32). Note that the frequency of
the reference clock supplied to the encoder is still
27MHz, only both edges are used in the interface.
The MPEG decoder being usually slaved to the
encoder, if two encoders are to be used in parallel,
one of them must be master and the other must be
slave. Figure 33 shows a typical dual encoding
application (although other applications where two
STV0119A’s are slave are possible).
It is also necessary to be able to control inde-
pendently the encoders. One solution is to have
two separate I
2C busses (one for each encoder)
running from the microcontroller (this is possible on
ST’s ST20, which features two I
2C busses), an-
other solution is to change the I
2C chip address of
one of the STV0119A.
This can be done with the following procedure :
- If no Teletext is required, tie pin TTXS/ CSI2C of
the 1st encoder to ‘0’.
- If Teletext encoding is needed, connect the
TTXS/CSI2C pin of the first encoder to both the
TTXS input pin of the Teletext Buffer / Transport
IC (e.g. ST’s TP2) and a pull-down resistor
(needed for power-on configuration).
- Connect TTXS/CSI2C of the second encoder to
logic ‘1’.
- Before performing any Teletext-related program-
ming, set to ‘1’ bit ”chgi2c” in configuration regis-
ter 6.
On hardware reset, both encoders have the same
default I
2C address (40-41hex). When bit ”chgi2c”
toggles to ‘1’, the I
2C address of the first encoder
(with TTXS/CSI2C pulled low) keeps unchanged at
40-41hex, whilst the I
2C address of the second
encoder (with TTXS/CSI2C = ‘1’) switches to 42-
43hex and can no more be changed until the next
hardware reset.
After I
2C address change, the second encoder
must be programmedto choose the YCRCb incom-
ing data stream on the falling edge of CKREF (see
bit ’nosd’ in configuration register 3).
STV0119A
22/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com