Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 27Page - STMicroelectronics STV0119A Datasheet HTML 28Page - STMicroelectronics STV0119A Datasheet HTML 29Page - STMicroelectronics STV0119A Datasheet HTML 30Page - STMicroelectronics STV0119A Datasheet HTML 31Page - STMicroelectronics STV0119A Datasheet HTML 32Page - STMicroelectronics STV0119A Datasheet HTML 33Page - STMicroelectronics STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_3 - Configuration3
MSB
LSB
Content
entrap
trap_pal
encgms
nosd
del2
del1
del0
xxx
Default
00
000
0
0
0
entrap
Enable trap filter
(*)
0
1
Trap filter disabled
Trap filter enabled
trap_pal Refer to Functional Description, Section IV.9
Note : ‘trap_pal’ is taken into account only if bit ‘entrap’ is set.
(*)
0
1
To select the NTSC trap filter (centered around 3.58MHz) (see Figure 16)
To select the PAL trap filter (centered around 4.43MHz) (see Figure 17)
encgms CGMS encoding enable (Refer to Functional Description, Section IV.14)
(*)
0
1
Disabled
Enabled
Note :
When encgms is set to 1 Closed-Captions/Extended Data Services should not be programmed on lines 20 and
283 (525/60, SMPTE line number convention).
nosd
Choice of active edge of ‘ckref’ (master clock) that samples incoming YCrCb data (Refer to
Functional Description, Section IV.17).
(*)
0
1
‘ckref’ rising edge (e.g. data with OSD coming from STi3520M)
‘ckref’ falling edge (e.g. data without OSD coming from STi3520M)
Note :
Typically, this bit is used when two STV0119A’s are used in a ‘dual encoding’ configuration.
del[2:0]
Delay on luma path with reference to chroma path
(Refer to Functional Description, Section IV.9)
(*)
del2
0
0
0
1
1
del1
1
0
0
1
1
del0
0
1
0
1
0
Delay on luma path with reference to chroma path
(one pixel corresponds to 1/13.5MHz (74.04ns))
+ 2 pixel delay on luma
+ 1 pixel delay on luma
+ 0 pixel delay on luma
- 1 pixel delay on luma
- 2 pixel delay on luma
Other
+ 0 pixel delay on luma
STV0119A
31/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com