Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 2Page - STMicroelectronics STV0119A Datasheet HTML 3Page - STMicroelectronics STV0119A Datasheet HTML 4Page - STMicroelectronics STV0119A Datasheet HTML 5Page - STMicroelectronics STV0119A Datasheet HTML 6Page - STMicroelectronics STV0119A Datasheet HTML 7Page - STMicroelectronics STV0119A Datasheet HTML 8Page - STMicroelectronics STV0119A Datasheet HTML 9Page - STMicroelectronics STV0119A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
IV - FUNCTIONAL DESCRIPTION
The STV0119Acan operate either in master mode,
where it supplies all sync signals, or in 6 slave
modes, where it locks onto incoming sync signals.
The main functions are controlled by a micro-con-
troller via an I
2C 2-wire bus. Refer to the ”User’s
Register Description” for an exhaustive list of the
control possibilities available.
IV.1 - Data Input Format
The digital input is a time-multiplexed ITU-R656
/D1-type [Cb, Y, Cr, Y] 8-bit stream. Note that
”ITU-R” was formerly known as ”CCIR”. Input sam -
ples are latched in on the rising edge (by default)
of the clock signal CKREF, whose nominal fre-
quency is 27MHz. Figure 1 illustrates the expected
data input format. Alternatively, a 54-Mbit/s stream
can be fed to the STV0119A,refer to Section IV.17
(”dual encoding”) for details.
The STV0119A is able to encode interlaced and
non-interlaced video. One bit is sufficient to auto-
matically direct the STV0119A to process non-in-
terlaced video. Update is performed internally on
the first frame sync active edge following the pro-
graming of this bit. The non-interlaced mode is a
624/2 = 312 line mode or a 524/2 = 262 line mode,
where all fields are identical.
An ‘autotest’ mode is available by setting 3 bits
(sync[2:0]) within the configurations register0.
In this mode, a color bar pattern is produced, inde-
pendentlyfrom video input, in the adequate stand-
ard. As this mode sets the STV0119A in master
mode, VSYNC/ODDEVEN and HSYNC pins are
then in output mode.
IV.2 - Video Timing
The STV0119A outputs interlaced or non-inter-
laced video in PAL-B, D, G, H, I, PAL-N, PAL-M or
NTSC-M standards and ‘NTSC- 4.43’ is also pos-
sible.
The 4-frame (for PAL) or 2 frame (for NTSC) burst
sequences are internally generated, subcarrier
generation being performed numerically with
CKREF as reference. Rise and fall times of syn-
chronization tips and burst enveloppe are internally
controlled according to the relevant ITU-R and
SMPTE recommendations.
Figures 2 to 7 depict typical VBI waveforms.
It is possible to allow encoding of incoming YCrCb
data on those lines of the VBI that do not bear line
sync pulses or pre/post-equalisation pulses (see
Figures 2 to 7). This mode of operation is refered
to as ”partial blanking” and is the default set-up. It
allows to keep in the encoded waveform any VBI
data present in digitized form in the incoming
YCrCb stream (e.g. WSS data, VPS, supplemen-
tary Closed-Captions line or StarSight data, etc.).
Alternatively,the complete VBI may be blanked(no
incoming YCrCb data encoded on these lines, ”full
blanking”).
The complete VBI comprises of the following lines :
- for 525/60 systems (SMPTE line numbering con-
vention) : lines 1 to 19 and second half of line 263
to line 282.
- for 625/50 systems (CCIR line numbering con-
vention) : second half of line 623 to line 22 and
lines 311 to 335.
The ‘partial’ VBI consists of :
- for 525/60 systems (SMPTE line numbering con-
vention) : lines 1 to 9 and second half of line 263
to line 272.
- for 625/50 systems (CCIR line numbering con-
vention) : secondhalf of line 623 to line 5 and lines
311 to 318.
Full or partial blanking is controlled by configuration
bit ‘blkli in configuration register1’.
Note that :
- line 282 in 525/60/SMPTEsystems is either fully
blanked or fully active.
- line 23 in 625/60/CCIR systems is always fully
active.
In an ITU-R656-compliant digital TV line, the active
portion of the digital line is the portion included
between the SAV (Start of Active Video) and EAV
(End of Active Video) words. However, this digital
active line starts somewhat earlier and may end
slightly later than the active line usually defined by
analog standards. The STV0119A allows two ap-
proaches :
- It is possible to encode the full digital line (720
pixels / 1440 clock cycles). In this case, the output
waveform will reflect the full YCrCb stream in-
cluded between SAV and EAV.
- Alternatively, it is possible to drop some YCrCb
samples at the extremities of the digital line so
that the encoded analog line fits within the ‘ana-
log’ ITU-R/SMPTE specifications.
Selection between these two modes of operation
is performed with bit ‘aline’ in configuration regis-
ter 4.
In all cases, the transitions between horizontal
blanking and active video are shaped to avoid too
steep edges within the active video. Figure 8 gives
timings concerning the horizontal blanking interval
and the active video interval.
STV0119A
6/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com