Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 1 Page - STMicroelectronics

  STV0119A Datasheet HTML 1Page - STMicroelectronics STV0119A Datasheet HTML 2Page - STMicroelectronics STV0119A Datasheet HTML 3Page - STMicroelectronics STV0119A Datasheet HTML 4Page - STMicroelectronics STV0119A Datasheet HTML 5Page - STMicroelectronics STV0119A Datasheet HTML 6Page - STMicroelectronics STV0119A Datasheet HTML 7Page - STMicroelectronics STV0119A Datasheet HTML 8Page - STMicroelectronics STV0119A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
STV0119A
PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
June 1998
SO28
(Plastic Micropackage)
ORDER CODE : STV0119A
.
NTSC-M, PAL-B, D, G, H, I, N, M, PLUS
NTSC-4.43 ENCODING (OPTIONAL PEDES-
TAL IN ALL STANDARDS)
.
SMALL AND ECONOMICAL SO28 PACKAGE
.
LINE SKIP/INSERT CAPABILITY SUPPRES-
SING THE NEED FOR AN EXTERNAL VCXO,
THUS REDUCING APPLICATION COST
.
4 SIMULTANEOUS ANALOG OUTPUTS : RGB +
CVBS, or S-VHS (Y/C) + CVBS1 + CVBS2
.
MACROVISION
™ REV7.01/REV6.1 COPY
PROTECTION PROCESS IN BOTH NTSC
AND PAL
.
54MHz INPUT MULTIPLEX INTERFACE FOR
DOUBLE
ENCODING
APPLICATIONS
(TO BE ABLE TO ENCODE OR NOT THE OSD
CONTENT OF THE VIDEO INPUT STREAM)
.
CROSS-COLOR REDUCTION BY SPECIFIC
TRAP FILTERING ON LUMA WITHIN CVBS
FLOW
.
CLOSED CAPTIONING, CGMS ENCODING
AND TELETEXT ENCODING
Note :
This device is protected by US patent numbers 4631603, 4577216 and 4819098 and other intellectual property rights. The use of
Macrovision
TM’s copy protection technology in the device must be authorized by MacrovisionTM and is intended for home and other
limited pay-per-view uses only, unless otherwise authorized in writing by Macrovision
TM. Reverse engineering or disassembly is
prohibited. Please contact your nearest STMicroelectronics sales office for more information.
.
ITU-R/CCIR601 ENCODING WITH EASILY
PROGRAMMABLE COLOR SUB-CARRIER
FREQUENCIES
.
DIGITAL
FRAME
SYNC
INPUT/OUTPUT
(ODDEVEN/VSYNC), PROGRAMMABLE PO-
LARITY AND RELATIVE POSITION
.
DIGITAL HORIZONTAL SYNC INPUT/OUPUT
(HSYNC), PROGRAMMABLE POLARITY AND
RELATIVE POSITION
.
DIGITAL LINE OR FRAME SYNC EXTRAC-
TION FROM ITU-R/CCIR656 / D1 DATA
.
MASTER
OPERATION
MODE,
PLUS
6 SLAVE MODES
.
INTERLACED/NON-INTERLACED
OPERA-
TION MODES
.
FULL OR PARTIAL VERTICAL BLANKING
.
LUMA FILTERING WITH 2X OVERSAMPLING &
SINY/Y CORRECTION
.
CHROMINANCE FILTERING WITH 4X OVER-
SAMPLING TO EITHER 1.1MHz, 1.3MHz,
1.6MHz or 1.9MHz
.
WIDE CHROMINANCE BANDWIDTH FOR
RGB ENCODING (2.45MHz)
.
24-BIT DIRECT DIGITAL FREQUENCY SYN-
THESIZER FOR COLOR SUBCARRIER
.
PROGRAMMABLE RESET OF COLOR SUB-
CARRIER PHASE (4 MODES)
.
EASY CONTROL VIA FAST I
2C BUS
.
TWO I
2C ADDRESSES
.
AUTOTEST OPERATION MODE
(ON-CHIP
COLOR BAR PATTERN 100/0/75/0)
.
CMOS TECHNOLOGY WITH 3.3V POWER
SUPPLY
.
APPLICATIONS : SATELLITE, CABLE & TER-
RESTRIAL DIGITAL TV DECODERS, MULTIME-
DIATERMINALS, DVD PLAYERS
1/42


Similar Part No. - STV0119A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
STV0116FN STMICROELECTRONICS-STV0116FN Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
STV0118 STMICROELECTRONICS-STV0118 Datasheet
388Kb / 42P
PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
May-1997
More results

Similar Description - STV0119A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65675FP MITSUBISHI-M65675FP Datasheet
83Kb / 17P
DIGITAL NTSC/PAL ENCODER
M65677FP MITSUBISHI-M65677FP Datasheet
38Kb / 6P
DIGITAL NTSC/PAL ENCODER
logo
OKI electronic componet...
MSM7650 OKI-MSM7650 Datasheet
278Kb / 34P
NTSC/PAL Digital Encoder
logo
STMicroelectronics
STV0118 STMICROELECTRONICS-STV0118 Datasheet
388Kb / 42P
PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
May-1997
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
NTSC / PAL digital RGB encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Renesas Technology Corp
M65677FP RENESAS-M65677FP Datasheet
134Kb / 9P
Digital NTSC/PAL Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
logo
STMicroelectronics
STV0116 STMICROELECTRONICS-STV0116 Datasheet
1Mb / 21P
PAL/NTSC DIGITAL ENCODER
Oct-1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com