Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 12Page - STMicroelectronics STV0119A Datasheet HTML 13Page - STMicroelectronics STV0119A Datasheet HTML 14Page - STMicroelectronics STV0119A Datasheet HTML 15Page - STMicroelectronics STV0119A Datasheet HTML 16Page - STMicroelectronics STV0119A Datasheet HTML 17Page - STMicroelectronics STV0119A Datasheet HTML 18Page - STMicroelectronics STV0119A Datasheet HTML 19Page - STMicroelectronics STV0119A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
IV - FUNCTIONAL DESCRIPTION (continued)
IV.8 - Burst Insertion
The color reference burst is inserted so as to
always start with a positive zero crossing of the
subcarrier sine wave (except in some cases where
Macrovision
™ anti-copyprocessis active). Thefirst
and last half-cycles have a reduced amplitude so
that the burst envelope starts and ends smoothly.
The burst contains 9 or 10 sine cycles of
4.43361875MHzor 3.579545MHzaccordingto the
standard programmed in the Control Register
(Reg. 0, bits std[1:0]), as follows :
- NTSC-M
9 cycles of
3.579542MHz
- PAL-BDGHI
10 cycles of
4.43361875MHz
- PAL-M
9 cycles of
3.57561149MHz
- PAL-N
9 cycles of
3.5820558MHz
It is possibleto turn the burst off (no burst insertion)
by setting configurationbit ‘bursten’to 0 (register2).
Notes : - Two strategies exist for burst insertion: one is to merely
gate and shape the subcarrier for burst insertion, the other
is more elaborated and is to always start the burst with a
positive-going zero crossing. In the first case the phase
of the subcarrier when the burst starts is not controlled,
with the consequence that some of its first and last cycles
are more heavily dis torded. The second solution
guarantees smooth start and endof burst witha maximum
of undistorded burst cycles and can only be beneficial to
chroma decoders, it is the solution implemented in the
STV0119A.
- While the first option gave constant burst start time but
uncontrolled initial burst phase, the second solution
guarantees start on a positive-going zero crossing with
the consequence that two burst start locations are visible
over successive lines, according to the line parity. This is
normal and explained below.
- In NTSC, the relation between subcarrier frequency and
line length creates a 180o subcarrier phase difference
(with respect to the horizontal sync) from one line to the
next according to the line parity. So if the burst always
starts with the same phase (positive-going zero crossing),
this means the burst will be inserted at time X or at time
X+TNTSC/2 after the horizontal sync tip according to the
line parity, where TNTSC is the duration of one cycle of the
NTSC burst.
- With PAL, a similar rationale holds, and again there will
be two possible burst start locations. The subcarrier
phase difference (with respect to the horizontal sync) from
one line to the next in that case is either 0 or 180o with
the following series: A-A-B-B-A-A-...-etc. where A
denotes ‘A-type’ bursts and B denotes ‘B-type’ bursts,
A-type and B-type being 180
° out of phase with respect
to the horizontal sync. So 2 locations are possible, one
for A-type, the other for B-type (see Figure 8).
- This assumes a periodic reset of the subcarrier is
automatically performed (see bits valrst[1:0] in Reg 2).
Otherwise, over several frames, the start of burst will drift
within an interval of one a subcarrier’s cycle. THIS IS
NORMAL and means the burst is correctly locked to the
colors encoded. The equivalent effect with a gated burst
approach would be the following : the start location would
be fixed but the phase with which the burst starts (with
respect to the horizontal sync) would be drifting.
IV.9 - Luminance Encoding
The demultiplexed Y samples are band-limited and
interpolated at CKREF clock rate. The resulting
luminancesignal is properly scaled before insertion
of any Closed-captions, CGMS or Teletext data,
Macrovision
TM copy-protection signals and syn-
chronization pulses.
The interpolation filter compensates for the sin(x)/ x
attenuation inherent to D/A conversion and greatly
simplifies the output stage filter (refer to Figures 15
to 17 for characteristic curves).
01
23
45
6
7
9 10
811 12 13
Frequency (x106) (Hz)
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 15 : Luma Filtering Including DAC
Attenuation
01
234
567
9 10
8
111213
Frequency (x106) (Hz)
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 16 : Luma Filtering with 3.58MHz Trap,
Including DAC Attenuation
01
234
567
9 10
8
111213
Frequency (x106) (Hz)
-40
-35
-30
-25
-20
-15
-10
-5
0
Figure 17 : Luma Filtering with 4.43MHz Trap,
Including DAC Attenuation
STV0119A
16/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com