Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 28Page - STMicroelectronics STV0119A Datasheet HTML 29Page - STMicroelectronics STV0119A Datasheet HTML 30Page - STMicroelectronics STV0119A Datasheet HTML 31Page - STMicroelectronics STV0119A Datasheet HTML 32Page - STMicroelectronics STV0119A Datasheet HTML 33Page - STMicroelectronics STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics STV0119A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_4 - Configuration4
MSB
LSB
Content
syncin_ad1
syncin_ad0
syncout_ad1 syncout_ad0
aline
txdl2
txdl1
txdl0
Default
00
00
0
0
0
0
syncin_ad
Adjustment of incoming sync signals (Refer to Functional Description, Section IV.5).
Used to insure correct interpretation of incoming video samples as Y, Cr or Cb when the
encoderis slaved to incoming sync signals (incl. ‘F/H’ flags stripped offITU-R656/D1 data).
syncin_ad1
syncin_ad0
Internal delay undergone by incoming sync
(*)
0
0
1
1
0
1
0
1
Nominal
+1 ckref
+2 ckref
+3 ckref
syncout_ad Adjustment of outgoing sync signals (Refer to Functional Description, SectionIV.4).
Used to insure correct interpretation of incoming video samples as Y, Cr or Cb when the
encoder is master and supplies sync signals.
syncout_ad1 syncout_ad0 Delay added to sync signals before they are output
(*)
0
0
1
1
0
1
0
1
Nominal
+1 ckref
+2 ckref
+3 ckref
aline
Video active line duration control(Refer to Functional Description, Section IV.2)
(*)
0
1
Full digital video line encoding (720 pixels - 1440 clock cycles)
Active line duration follows ITU-R/SMPTE ‘analog’ standard requirements
txdl[2:0]
Teletext data latency (* ”000” default) (Refer to Functional Description, Section IV.15)
The encoder will clock in the first Teletext data sample on the (2+txdl[2:0])
th rising edge
of the master clock following the rising edge of TTXS (Teletext Synchro signal, supplied
by the encoder).
STV0119A
32/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com