Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 17Page - STMicroelectronics STV0119A Datasheet HTML 18Page - STMicroelectronics STV0119A Datasheet HTML 19Page - STMicroelectronics STV0119A Datasheet HTML 20Page - STMicroelectronics STV0119A Datasheet HTML 21Page - STMicroelectronics STV0119A Datasheet HTML 22Page - STMicroelectronics STV0119A Datasheet HTML 23Page - STMicroelectronics STV0119A Datasheet HTML 24Page - STMicroelectronics STV0119A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
01
23
45
67
8
-80
-70
-60
-50
-40
-30
-20
-10
0
(x106) (Hz)
Figure 29 : Logarithmic PSD Scale
IV - FUNCTIONAL DESCRIPTION (continued)
IV.16 - I
2C Bus
An external micro-controller controls the STV0119A
via an I
2C busby writing into or readingfrom internal
registers. The I
2C interface supports the ”fast
I
2C protocol”(up to 400kHz - and potentially more).
The default I
2C addresses of the STV0119A are :
- in write mode : ”01000000” (40 hex)
- in read mode : ”01000001” (41 hex)
After a hardware reset, it is these addresses that
the STV0119A recognizes.
It is possible to modify the default I
2C address by
tiing the TTXS/CSI2C pin to logic ‘1’ and validat-
ing the change by writing into a dedicated bit in
Register 6.
In that case, the STV0119Ahas a newI
2C address:
- in write mode : ”01000010” (42 hex)
- in read mode : ”01000011”(43 hex)
Once the I
2C addresshas been changed, it cannot
be modifed anymore until the next hardware reset.
Note that these I
2C addresses are the same as
those used by the STV0117/STV0117A (others
ST PAL/NTSC Digital Encoder).
It is expected that I
2C address changes will nor-
mally be needed for dual encoding applications.
The exact procedure to change the I
2C addresses
is detailed below, in the section that deals with dual
encoding applications.
Write and read operations are described in Fig-
ures 30 and 31.
SCL
SDA
R/W
A7
A6
A5
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
I2 C Slave Address 40h
ACK by
STV0119
LSB Address
Start
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Data Byte 2
Data Byte 3
Data Byte n
Stop
SCL
SDA
Data Byte 1
D6
D7
ACK by
STV0119
ACK by
STV0119
ACK by
STV0119
ACK by
STV0119
ACK by
STV0119
Figure 30 : I
2C Write Operation (default address at power-on, CSI2C
≠ ’1’)
SCL
SDA
R/W
A7
A6
A5
A4
A3
A2
A1
A0
I2C Slave Address 40h
LSB Address
Start
SCL
SDA
R/W
D7
D6
D5
D4
D3
D2
D1
D 0
Data Byte n
Start
D 7
D6
D5
D4
D3
D2
D1
D0
Stop
Data Byte 1
I2C Slave Address 41h
Stop
ACK by
STV0119
ACK by
STV0119
ACK by
micro
ACK by
STV0119
ACK by
micro
Figure 31 : I
2C Read Operation (default address at power-on, CSI2C
≠ ’1’)
STV0119A
21/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com