Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 3 Page - STMicroelectronics

  STV0119A Datasheet HTML 1Page - STMicroelectronics STV0119A Datasheet HTML 2Page - STMicroelectronics STV0119A Datasheet HTML 3Page - STMicroelectronics STV0119A Datasheet HTML 4Page - STMicroelectronics STV0119A Datasheet HTML 5Page - STMicroelectronics STV0119A Datasheet HTML 6Page - STMicroelectronics STV0119A Datasheet HTML 7Page - STMicroelectronics STV0119A Datasheet HTML 8Page - STMicroelectronics STV0119A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VSYNC/ODDEVEN
SDA
SCL
RESET
CKREF
TTXD
TTXS/CSI2C
V
DD
G/Y
R/C
B/CVBS
VR_RGB
I
REF(RGB)
V
DDA
HSYNC
YCRCB7
YCRCB6
YCRCB5
YCRCB4
YCRCB3
YCRCB2
YCRCB1
YCRCB0
V
SS
CVBS
VR_CVBS
I
REF(CVBS)
V
SSA
I - GENERAL DESCRIPTION
The STV0119A is a high performance PAL/NTSC
digital encoder in a low cost package. It converts a
4:2:2 digital video stream into a standard analog
baseband PAL/NTSC signal and into RGB analog
components.
The STV0119A can handle interlaced mode (with
525/625 line standards) and non-interlaced mode.
It can perform Closed-Captions, CGMS or Teletext
encoding and allows Macrovision
™ 7.01/6.1 copy
protection.
Four analog output pins are available, on which it
is possible to output either S-VHS(Y/C) + CVBS1
+ CVBS2 or RGB + CVBS. Moreover, it is possible
to use two STV0119A in parallel to interface with
ST’s MPEG decoder ICs that are able to deliver a
54Mbit/s ”double” YCrCb stream (e.g. the
STi3520M). This allows for example to encode
OSD in one of the streams only.
II - PIN INFORMATION
II.1 - Pin Connections
REVISION HISTORY
October 1996
:
Advance Data
February 1997
:
Preliminary Data
Main Modifications :
- to get direct connection to SCART in Y/C mode, R and G signals have been
moved as G/Y on Pin 20 and R/C on Pin 19.
- RGB levels have been rescaled for compatibility between CVBS/Y-C and RGB
levels with only one value of IREF(RGB).
- revision ID is now 02 hexa (register 18 dec).
May 1997
:
- Update of characteristics (DC and AC electrical characteristics).
- Revision ID unchanged.
November 1997
:
- Improvement of luminance filtering in case of OSD input data.
- Revision ID is now 03 hexa (register 18 dec).
- New sale type : STV0119A.
June 1998
:
- Adjonctions of missing information on AC characteristics for Teletext signals.
STV0119A
3/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com