Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 4 Page - STMicroelectronics

  STV0119A Datasheet HTML 1Page - STMicroelectronics STV0119A Datasheet HTML 2Page - STMicroelectronics STV0119A Datasheet HTML 3Page - STMicroelectronics STV0119A Datasheet HTML 4Page - STMicroelectronics STV0119A Datasheet HTML 5Page - STMicroelectronics STV0119A Datasheet HTML 6Page - STMicroelectronics STV0119A Datasheet HTML 7Page - STMicroelectronics STV0119A Datasheet HTML 8Page - STMicroelectronics STV0119A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
II.2 - Pin Description
Pin
Name
Type
Function
1
HSYNC
I/O
Line Synchronization Signal :
- Input in ODDEVEN+HSYNC or VSYNC + HSYNC or VSYNC slave modes
- Output in all other modes (master/slave)
- Synchronous to rising edge of CKREF
- Default polarity : negative pulse
2
3
4
5
6
7
8
9
YCrCb7
YCrCb6
YCrCb5
YCrCb4
YCrCb3
YCrCb2
YCrCb1
YCrCb0
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Input : time multiplexed 4:2:2 luminance and chrominance data as defined in ITU-R
Rec601-2 and Rec656 (except for TTL input levels). This bus interfaces with MPEG video
decoder output port and typically carries a stream of Cb,Y,Cr,Y digital video at CKREF
frequency, clocked on the rising edge (by default) of CKREF. A 54-Mbit/s ‘double’ Cb, Y,
Cr, Y input multiplex is supported for double encoding application (rising and falling edge
of CKREF are operating). Output: for test purpose only.
10
VSS
Supply
Digital Ground
11
CVBS
Output
Analog Composite Video Output (current-driven).
CVBS must be connected to analog ground over a load resistor (RLOAD).
Following the load resistor, a simple analog low pass filter is recommended CVBS
amplitude is proportional to IREF(CVBS) (VOUT(N) =N xRLOAD xIREF(CVBS)/96) with N = [0-
511] VOUT(Max.) =1VPP and IOUT(Max.) = 5mA
12
VR_CVBS
I/O
Internal Reference Voltage for the 9-bit DAC CVBS.
VR_CVBS must be connected to analog ground over a capacitor (6.8nF typ.),
VR_CVBS = 1.9V
13
IREF(CVBS)
I/O
Reference current source for the 9-bit DAC CVBS.
-IREF(CVBS) must be biased to analog ground over a reference resistor RREF(CVBS)
-RREF(CVBS)(Min.) = 5.95 x RLOAD/VOUT(Max.) with VOUT(Max.) =1VPP and IOUT(Max.) = 5mA
(IREF(CVBS) =VREF(CVBS)/RREF(CVBS)), VREF(CVBS)(Typ.) = 1.12V.
14
VSSA
Supply
Analog ground for DACs
15
VDDA
Supply
Analog positive power supply for DACs (+3.3V nom.)
16
IREF(RGB)
I/O
Reference current source for Tri-DAC R/Y,G/C,B/CVBS.
-IREF(RGB) must be connected to analog ground over a reference resistor RREF(RGB)
-RREF(RGB)(Min.) = 5.95 x RLOAD/VOUT(Max.), with VOUT(Max.) =1VPP and IOUT(Max.) = 5mA
(IREF(RGB) =VREF(RGB)/RREF(RGB)), VREF(RGB) (Typ.) = 1.12V.
17
VR_RGB
I/O
Internal reference voltage for the 9bit Tri-DAC R/Y,G/C,B/CVBS.
VR_RGB must be biased to analog ground over a typical 6.8nF capacitor, VR_RGB = 1.9V.
18
B/CVBS
O
Analog ‘Blue’ or CVBS output (current-driven).
This output must be connected to analog ground over a load resistor (RLOAD).
Following the load resistor, a simple analog low pass filter is recommended.
VOUT(Max.) =1VPP and IOUT(Max.) = 5mA (VOUT(N) =N x RLOAD xIREF(RGB)/96)
with N = [0-511].
19
R/C
O
Analog ‘Red’ or S-VHS Chrominance output (current-driven).
This output must be connected to analog ground over a load resistor (RLOAD).
Following the load resistor, a simple analog low pass filter is recommended.
VOUT(Max.) =1VPP and IOUT(Max.) = 5mA (VOUT(N) =N x RLOAD xIREF(RGB)/96)
with N = [0-511].
20
G/Y
O
Analog ‘Green’ or S-VHS Luminance output (current-driven).
This output must be connected to analog ground over a load resistor (RLOAD).
Following the load resistor, a simple analog low pass filter is recommended.
VOUT(Max.) =1VPP and IOUT(Max.) = 5mA (VOUT(N) =N x RLOAD xIREF(RGB)/96)
with N = [0-511].
21
VDD
Supply
Digital positive supply voltage (+3.3V nom.)
22
TTXS/CSI2C
I/O
Output : positive sync pulse for control of Teletext buffer in external demultiplexer or
Transport IC.
23
TTXD
I/O
Teletext data stream from external demultiplexer or Transport IC synchronous to rising
edge of CKREF signal average rate of 6.9375Mbit/s.
Output in test mode only.
II - PIN INFORMATION (continued)
STV0119A
4/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com