Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 24Page - STMicroelectronics STV0119A Datasheet HTML 25Page - STMicroelectronics STV0119A Datasheet HTML 26Page - STMicroelectronics STV0119A Datasheet HTML 27Page - STMicroelectronics STV0119A Datasheet HTML 28Page - STMicroelectronics STV0119A Datasheet HTML 29Page - STMicroelectronics STV0119A Datasheet HTML 30Page - STMicroelectronics STV0119A Datasheet HTML 31Page - STMicroelectronics STV0119A Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
VI.2 - Register Contents and Description
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_0 - Configuration0
MSB
LSB
Content
std1
std0
sync2
sync1
sync0
polh
polv
freerun
Default
10
010
0
1
0
std[1:0]
std1 std0 Standard Selected
(*)
0
0
1
1
0
1
0
1
PAL BDGHI
PAL N (see bit set-up)
NTSC M
PAL M
Note 1 : Standard on hardware reset is NTSC; any standard modification selects automatically the right parameters for
correct subcarrier generation.
sync[2:0] sync2 sync1 sync0 Configuration
(refer to Functional Description, Sections IV.4 and IV.5)
(*)
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
ODDEVEN based SLAVE mode (frame locked)
F only based SLAVE mode (frame locked)
ODDEVEN+HSYNC based SLAVE mode (line locked)
‘F’+’H’ based SLAVE mode (line locked)
VSYNC-only based SLAVE mode (frame locked) (see Note)
VSYNC+HSYNC based SLAVE mode (line locked)
MASTER mode
AUTOTEST mode (color bar pattern)
Caution :
In VSYNC-only based slave mode (sync[2:0]=”100”), HSYNC is nevertheless needed as an input.
Refer to Functional Description, Section IV.5.2.2.
polh
Synchro : active edge of HSYNC selection (when input)
or polarity of HSYNC (when output)
(*)
0
1
HSYNC is a negative pulse (128 TCKREF wide) or falling edge is active
HSYNC is a positive pulse (128 TCKREF wide) or rising edge is active
polv
Synchro : active edge of ODDEVEN/VSYNC selection (when input)
or polarity of ODDEVEN (when output) - See Note 2
(*)
0
1
Falling edge of ODDEVEN flags start of field1 (odd field) or VSYNC is active low
Rising edge of ODDEVEN flags start of field1 (odd field) or VSYNC is active high
Note 2 : In master mode : polarity of ODDEVEN output.
In slave by F (from EAV) : polv = 0 (cf D1 encoding) and ODDEVEN polarity is the image of F extracted
from EAV words.
freerun
Refer to Functional Description, Section IV.5
(*)
0
1
disabled
Enabled
Caution :
This bit is taken into account in ODDEVEN-only, VSYNC-only or ‘F’ based slave modes and is irrelevant to other
synchronization modes.
STV0119A
28/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com