Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 32Page - STMicroelectronics STV0119A Datasheet HTML 33Page - STMicroelectronics STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics STV0119A Datasheet HTML 36Page - STMicroelectronics STV0119A Datasheet HTML 37Page - STMicroelectronics STV0119A Datasheet HTML 38Page - STMicroelectronics STV0119A Datasheet HTML 39Page - STMicroelectronics STV0119A Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTERS_10_11_12- Increment_dfs : Increment for digital frequency synthesizer
MSB
LSB
register_10
d23
d22
d21
d20
d19
d18
d17
d16
register_11
d15
d14
d13
d12
d11
d10
d9
d8
register_12
d7
d6
d5
d4
d3
d2
d1
d0
These registers contain the 24-bit increment used by the DDFS if bit ‘selrst’ equals ‘1’ to generate the
frequencyof the subcarrier i.e. the address that is supplied to the sineROM. It thereforeallows to customize
the subcarrier frequency synthesized. Refer to Functional Description, Section IV.7.
1 LSB ~ 1.6 Hz
The procedure to validate usage of these registers instead of the hard-wired values is the following :
- Load the registers with the required value
- Set bit ‘selrst’ to 1 (Reg 2)
- Perform a software reset (Reg 6)
Notes : The values loaded in Reg10-11-12 are taken into account after a software reset, and ONLY IF bit
‘selrst’=’1’ (Reg. 2)
These registers are never reset and must be explicitly written into to contain sensible information.
On hardware reset (=> ‘selrst’=0) or on soft reset with selrst=’0’, the DDFS is initalized with a
hardwired increment, independent of Registers 10-12. These hardwired values being out of any
user register these cannot be read out of the STV0119A.
These values are :
Value
Frequency Synthesized
Ref.Clock
d[23:0] : 21F07C hexa for NTSC M (*)
f = 3.5795452MHz
27MHz
d[23:0] : 2A098B hexa for PAL BGHIN
f = 4.43361875 MHz
27MHz
d[23:0] : 21F694 hexa for PAL N
f = 3.5820558MHz
27MHz
d[23:0] : 21E6F0 hexa for PAL M
f = 3.57561149MHz
27MHz
‘NTSC-4.43’ can be obtained with d[23:0] value like for PALBGHI but with standardfixed as NTSC.
REGISTERS_13_14 - Phase_dfs : Static phase offset for digital frequency synthesizer (10 bits only)
MSB
LSB
register_13
----
--
o23
o22
register_14
o21
o20
o19
o18
o17
o16
o15
o14
Under certain circumstances (detailed below), these registers contain the 10 MSBs of the value with which
the phase accumulator of the DDFS is initialized after a 0-to-1 transition of bit ‘rstosc’ (Reg 2), or after a
standard change, or when cyclic phase readjustment has been programmed (see bits valrst[1:0] of Reg
2). The 14 remaining LSBs loaded into the accumulator in these cases are all ‘0’s (this allows to define the
phase reset value with a 0.35
°accuracy).
The procedure to validate usage of these registers instead of the hard-wired values is the following :
- Load the registers with the required value
- Set bit ‘selrst’ to 1 (Reg 2)
- Perform a software reset (Reg 6)
Notes : Registers 13-14 are never reset and must be explicitly written into to contain sensible information.
If bit ‘selrst’=0 (e.g. after a hardware reset) the phase offset used to reinitialize the DDFS is the
hard-wired value. The hard-wired values being out of any register, they cannot be read out of the
STV0119A.
These are :
- D9C000hex for PAL BDGHI, N, M
- 1FC000hex for NTSC-M
STV0119A
36/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com