Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 21Page - STMicroelectronics STV0119A Datasheet HTML 22Page - STMicroelectronics STV0119A Datasheet HTML 23Page - STMicroelectronics STV0119A Datasheet HTML 24Page - STMicroelectronics STV0119A Datasheet HTML 25Page - STMicroelectronics STV0119A Datasheet HTML 26Page - STMicroelectronics STV0119A Datasheet HTML 27Page - STMicroelectronics STV0119A Datasheet HTML 28Page - STMicroelectronics STV0119A Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
V - CHARACTERISTICS
V.1 - Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VDDx
DC Supply Voltage
-0.3, 4.0
V
VIN
Digital Input Voltage
-0.3, VDD + 0.3
V
VOUT
Digital Output Voltage
-0.3, VDD + 0.3
V
IREF
Analog Input Reference Current
2
mA
Toper
Operating Temperature
0, +70
oC
Tstg
Storage Temperature
-40, +150
oC
Ptot
Total Power Dissipation
500
mW
V.2 - Thermal Data
Symbol
Parameter
Value
Unit
Rth(j-a)
DC Junction-Ambient Thermal Resistance
with sample soldered on a PCB
Typ.
76
°C/W
V.3 - DC Electrical Characteristics
Tamb =25
°C/70°C, VDDA =VDD = 3.3V, unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUPPLY
VDDA
Analog Positive Supply Voltage
3.0
3.3
3.6
V
VDD
Digital Supply Voltage
3.0
3.3
3.6
V
IDDA
Analog Current Consumption
RIREF =1.2k
Ω,RL = 200Ω,
CL = 50pF, CKREF = 27MHz,
VDD = 3.6V autotest mode,
static input signals
20
50
mA
IDD
Digital Current Consumption
20
35
50
mA
DIGITAL INPUTS
VIL
Input Voltage
Low level (any other pins)
0.8
V
VIH
Input Voltage
SCL and SDA - (5V tolerant)
Except SCL and SDA
High level (any other pins)
2.0
2.0
4.5
VDD
V
IL
Input Leakage Current
Input Pins (see note 2)
Bi-directional Pins
VIL min or VIH max
-10
-10
80
10
µA
µA
CIN
Input Capacitance
Input Pins
Bi-directional Pins
0.1
5
pF
pF
SDA OUTPUT
VL
Output Voltage
Low level, IO = 2mA
0.4
V
DIGITAL OUTPUT
VOH
Output Voltage
High level (IOH = -4mA)
2
V
VOL
Output Voltage
Low level (IOL = 4mA)
0.6
V
D/A CONVERTER
RIREF
Resistance for reference Current
Source for 3 D/A Converters
IREF =VREF/RIREF,VREF = 1.12V typ.
1.2
k
Ω
VO
Output Voltage Dyn
RIREF = 1.2k
Ω,RL = 200Ω
(Max. code - Min. Code)
0.95
1.10
VPP
DAC to DAC VO max code (tri-DAC only)
RIREF = 1.2k
Ω,RL = 200Ω
3%
ILE
LF Integral Non-linearity
RIREF = 1.2k
Ω,RL = 200Ω
± 1
LSB
DLE
LF Differential Non-linearity
RIREF = 1.2k
Ω,RL = 200Ω
± 0.5
LSB
Notes : 1. This product withstands 1.4kV (The MIL883C Norm requires 2.0kV).
This product withstands 150V (The EIAJ Norm requires 200V).
2. The high value for input Pins is due to internal pull-down resistance.
STV0119A
25/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com