Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0119A Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV0119A
Description  PAL/NTSC HIGH PERFORMANCE DIGITAL ENCODER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0119A Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV0119A Datasheet HTML 33Page - STMicroelectronics STV0119A Datasheet HTML 34Page - STMicroelectronics STV0119A Datasheet HTML 35Page - STMicroelectronics STV0119A Datasheet HTML 36Page - STMicroelectronics STV0119A Datasheet HTML 37Page - STMicroelectronics STV0119A Datasheet HTML 38Page - STMicroelectronics STV0119A Datasheet HTML 39Page - STMicroelectronics STV0119A Datasheet HTML 40Page - STMicroelectronics STV0119A Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
VI.2 - Register Contents and Description (continued)
(*) = DEFAULT mode when NRESET pin is active (LOW level)
VI - REGISTERS (continued)
REGISTER_15 : Reserved
REGISTER_16 : Reserved
REGISTER_17 : chipID (read only) : STV0119AIdentification Number
0 11101 1 1 (codes 119 in binary format)
REGISTER_18 : revID (read only) : STV0119A Revision Number
0 00000 1 1 (for third revision)
REGISTER_19 : Reserved
REGISTER_20 : Reserved
REGISTERS_21_22_23: line_reg = ltarg[8:0] and lref[8:0]
MSB
LSB
register_21
ltarg8
ltarg7
ltarg6
ltarg5
ltarg4
ltarg3
ltarg2
ltarg1
register_22
ltarg0
lref8
lref7
lref6
lref5
lref4
lref3
lref2
register_23
lref1
lref0
-
-
----
These registers may be used to jump from a reference line (end of that line) to the beginning of a target
line of the SAME FIELD.
However, not all lines can be skipped or repeated with no problem and, if needed, this functionality has to
BE USED WITH CAUTION.
lref[8:0] contains in binary format the reference line from which a jump is required. ltarg[8:0] contains the
target line binary number.
Default values: lref[8:0] = 000000000 and ltarg[8:0] = 000000001
REGISTER_31-32-33 - cgms_bit[1:20] : CGMS Data registers (20 bits only)
MSB
LSB
register_31
----
b1
b2
b3
b4
register_32
b5
b6
b7
b8
b9
b10
b11
b12
register_33
b13
b14
b15
b16
b17
b18
b19
b20
These registers are never reset.
Word0A => bit1....bit3
Word0B => bit4....bit6
Word1 => bit7....bit10
Word2 => bit11....bit14
CRC => bit15...bit20 (not internally computed)
Refer to Functional Description, Section IV.14
STV0119A
37/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com