Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 7Page - STMicroelectronics STV0299B Datasheet HTML 8Page - STMicroelectronics STV0299B Datasheet HTML 9Page - STMicroelectronics STV0299B Datasheet HTML 10Page - STMicroelectronics STV0299B Datasheet HTML 11Page - STMicroelectronics STV0299B Datasheet HTML 12Page - STMicroelectronics STV0299B Datasheet HTML 13Page - STMicroelectronics STV0299B Datasheet HTML 14Page - STMicroelectronics STV0299B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
STV0299B
11/36
For the “Unmodulated Tone Burst” Port CTRL 2 is
set to 0 and, only one byte, of value 00h is sent.
The parity bit is still 1, and as a result, the signal is
a
continuous
train
of
12.5 ms.
When
the
modulation is active, the DiSEqC output is driven
alternatively to VDD and VSS levels. The DiSEqC
and Lock Control, DiSEqC FIFO and DiSEqC
Status Registers are in Addresses 08, 09 and
0Ah.
Figure 5:
Schematic showing Bit Transmission
Table 3:
Note:
1
Byte to transfer in DiSEqC mode.
2
In mode PortCtrl (1:0)=10, the F22/DiSEqC pin returns to High -2 mode once the transmission is completed.
4.1.13 Standby Mode
A low power consumption mode (standby mode)
can be implemented (in this mode, fM_CLK = 0). In
standby mode, the I2C decoder still operates, but
with some restrictions (see Sections 4.1.4 and
4.1.5).
Standby mode can be initiated or stopped by I2C
bus commands as described in MCR Register 02.
At power-on, the circuit starts to operate in
standby mode when the STDBY pin (pin 42) is
tied
to
VDD.
This
guarantees
low
power
consumption
for
the
stand-alone
modules
(PCMCIA size front-end modules) before any
command
is
initiated.
After
the
power-on
sequence, the standby mode is entirely controlled
via MCR Register (02).
Idle
11 Periods
11 Periods
11 Periods
Next bit
Transmission of 1’s
Transmission of 0’s:
a) PortCtrl2 = 1
b) PortCtrl2 = 0
PortCtrl (1:0)
PortCtrl (2)
FIFO
Output
00
X
empty
0
01
X
empty
1
10
0
DATA = 00
Unmodulated tone burst
1
DATA = FFor00
Modulated tone burst
1
Note 1
DiSEqC signal
11
X
XX
Continuous tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com