Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 23Page - STMicroelectronics STV0299B Datasheet HTML 24Page - STMicroelectronics STV0299B Datasheet HTML 25Page - STMicroelectronics STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics STV0299B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
STV0299B
5REGISTER LIST (continued)
27/36
RS CONTROL REGISTER (refer to
Section 4.6.6 on page 16)
RS
33
F8
7
RS7 - Deinterleaver Enable
1: The input flow is deinterleaved.
0: The input flow is not affected.
6
RS6 - Synchro Enable
1: The synchro is processed.
0: The synchro word search is disabled. The bit-to-byte conversion
remains in its current phase regardless of whether the synchro
word is recognized or not. This allows the use of the STV0299BB
with
inner convolutional coding only.
5
RS5 - Reed-Solomon Enable
1: The input code is corrected.
0: No correction happens, all the data is fed to the descrambler.
The error signal remains inactive.
4
RS4 - Descrambler Enable
1: The output flow from Reed-Solomon decoder is descrambled.
0: The descrambler is disactivated.
3
RS3 - Write Error Bit
1: If an uncorrectible error happens in DVB, the MSB of the first byte
following the sync byte is forced to 1 after descrambling.
0: The output flow is unchanged.
2
RS2 - Block Synchro
1: The first byte of each packet is forced to Hex 47 in mode A.
0: The first byte is the one that is received. In DVB, it should be the
synchro byte, complemented every 8th packet.
1
RS1 - Output Clock Polarity
1: The data and control signals are clocked during the high-to-low
transition of CLK_OUT.
0: The data and control signals are clocked during the low-to-high
transition of CLK_OUT.
0
RS0 - Output Clock Signal Configuration during Parity Bytes
1: D[7:0] and ERROR are null during the parity bytes. If the packet
contains more than 8 errors, ERROR only remains high during the
data transmission. In parallel mode, CLK_OUT remains low during
the parity bytes. In serial mode, the output bit clock is always
running.
0: CLK_OUT is continuous and the parity bytes are transmitted. If the
packet contains more than 8 errors, ERROR remains high during
the entire packet.
Name
HEX
Address
Reset
Value
Bit
Position
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com