Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics STV0299B Datasheet HTML 31Page - STMicroelectronics STV0299B Datasheet HTML 32Page - STMicroelectronics STV0299B Datasheet HTML 33Page - STMicroelectronics STV0299B Datasheet HTML 34Page - STMicroelectronics STV0299B Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
STV0299B
31/36
6
ELECTRICAL CHARACTERISTICS (continued)
6.4 Timing Characteristics
Note:
1
Tm = Master clock period in ns
Figure 8:
Figure 9:
Figure 10:
Figure 11:
Symbol
Parameter
Min.
Typ.
Max.
Unit
fVCO
Internal VCO frequency
300
400
MHz
fCLK_IN
CLK_IN or XTAL frequency
4
30
MHz
PARALLEL OUTPUT D[7:0], D/P, CLK_OUT, STR_OUT, ERROR OUTPUT CHARACTERISTICS
Bit RS1 = 1 in RS CONTROL REGISTER (Address 33). Refer to Figure 8
tCLK_duty
CLK_OUT duty cycle
40
50
60
%
tCKSU
D[7:0], D/P, STR_OUT, ERROR stable before CLK_OUT
Falling Edge
2*Tm(1)
ns
tCKH
D[7:0], D/P, STR_OUT, ERROR stable after CLK_OUT
Falling Edge
2*Tm(1)
ns
Bit RS1 = 0 in RS CONTROL REGISTER (Address 33). Refer to Figure 9
tCKSU
D[7:0], D/P, STR_OUT, ERROR stable before CLK_OUT
Falling Edge
2*Tm(1)
ns
tCKH
D[7:0], D/P, STR_OUT, ERROR stable after CLK_OUT
Falling Edge
2*Tm(1)
ns
SERIAL OUTPUT D7, D/P, CLK_OUT, STR_OUT, ERROR OUTPUT CHARACTERISTICS
Bit RS1 = 1 in RS CONTROL REGISTER (Address 33). fM.CLK = 90MHz. Refer to Figure 10
tCKSU
D7, D/P, STR_OUT, ERROR stable before CLK_OUT
Falling Edge
3.5
ns
tCKH
D7, D/P, STR_OUT, ERROR stable after CLK_OUT
Falling Edge
3ns
Bit RS1 = 0 in RS CONTROL REGISTER (Address 33). fM.CLK = 90MHz. Refer to Figure 11
tCKSU
D7, D/P, STR_OUT, ERROR stable before CLK_OUT
Falling Edge
3.5
ns
tCKH
D7, D/P, STR_OUT, ERROR stable after CLK_OUT
Falling Edge
2ns
CLK_OUT
D[7:0], D/P.
STR_OUT,
ERROR
t
CKH
t
CKSU
CLK_OUT
D[7:0], D/P.
STR_OUT,
ERROR
t
CKH
t
CKSU
CLK_OUT
D7, D/P.
STR_OUT,
ERROR
t
CKH
t
CKSU
CLK_OUT
D7, D/P.
STR_OUT,
ERROR
t
CKH
t
CKSU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com