Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 4 Page - STMicroelectronics

  STV0299B Datasheet HTML 1Page - STMicroelectronics STV0299B Datasheet HTML 2Page - STMicroelectronics STV0299B Datasheet HTML 3Page - STMicroelectronics STV0299B Datasheet HTML 4Page - STMicroelectronics STV0299B Datasheet HTML 5Page - STMicroelectronics STV0299B Datasheet HTML 6Page - STMicroelectronics STV0299B Datasheet HTML 7Page - STMicroelectronics STV0299B Datasheet HTML 8Page - STMicroelectronics STV0299B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
STV0299B
4/36
1
PIN INFORMATION
1.1 Pin Connections
Figure 1:
Pinout for 64-pin TQFP (10x10 mm)
F22/DiSEqC
SCL
VDD
CLK_IN/XTAL_IN
XTAL_OUT
VDDA
RESET
D3
STDBY
TEST
VDDA
TEST
TEST
VBOT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64
62
61
60
59
58
57
56
55
63
54
53
52
51
50
49
17
19
20
21
22
23
24
25
26
18
27
28
29
30
31
32
VSSA
VSS
VSS
SDA
VDD_3.3 V
TEST
TEST
VDD
DAC
VSS
IP0
D0
D1
D2
VDD
VSS
AUX_CLK
AGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com