Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 12Page - STMicroelectronics STV0299B Datasheet HTML 13Page - STMicroelectronics STV0299B Datasheet HTML 14Page - STMicroelectronics STV0299B Datasheet HTML 15Page - STMicroelectronics STV0299B Datasheet HTML 16Page - STMicroelectronics STV0299B Datasheet HTML 17Page - STMicroelectronics STV0299B Datasheet HTML 18Page - STMicroelectronics STV0299B Datasheet HTML 19Page - STMicroelectronics STV0299B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
STV0299B
16/36
4
FUNCTIONAL DESCRIPTION (continued)
4.6.3
Synchronization
In DVB, the packet length after inner decoding is
204. The sync word is the first byte of each
packet. Its value is Hex 47, but this value is
complemented every 8 packets. In DSS, the
packet length is 147 and the sync word is Hex 1D.
An Up/Down Sync counter counts whenever a
sync word is recognized with the correct timing,
and counts down during each missing sync word.
This counter is bounded by a programmable
maximum - when this value is reached, the LK bit
(“locked”) is set in the VSTATUS register. When
the event counter counts down to until 0, this flag
is reset.
4.6.4
Error Monitoring
A 16-bit counter, ERRCNT, allows the counting of
errors at different levels. ERRCNT is fed either by:
• the input QPSK bit errors (that are corrected by
the Viterbi decoder), or,
• the bit, or,
• the byte error (that are corrected by the
Reed-Solomon decoder), or,
• the packet error (not corrigible, leading to a
pulse at the ERROR output).
The content of ERRCNT may be transferred to the
read only registers ERRCNT_LOW (LSB) and
ERRCNT_HIGH (MSB).
Two functional modes are proposed, depending
on a control register bit:
1 Error Mode = 0. This is an error rate measure,
that tells the number of errors occurring within
a specified number of output bytes, NB. NB has
four possible values given in the Error Control
Register in Address 34. Every NB bytes, the
state of the error counter is transferred to a
16-bit register, then the error counter is reset.
The Error Count Registers in Addresses 1D
and 1E may be read by the microprocessor via
I2C bus. Two ways of reading may be used:
16-bit reading, starting with MSB, or 8-bit
reading (LSB only or MSB only).
2 Error Mode = 1. The error counter just counts
the error; the I2C register permanently copies
the content of the error counter. When the MSB
byte is read, the error counter is reset. In both
modes, the 16-bit counter is saturated to its
maximum value.
4.6.5
Convolutional Deinterleaver
In DVB, the convolutional deinterleaver is 17 x 12.
The periodicity of 204 bytes per sync byte is
retained. In DSS, the convolutional deinterleaver
is 146 x 13, and there is also a periodicity of
147 bytes per sync byte. The deinterleaver may
be bypassed - for details, see Section 4.6.6
‘Reed-Solomon Decoder and Descrambler’.
4.6.6
Reed-Solomon Decoder and
Descrambler
The input blocks are 204-byte long with 16 parity
bytes in DVB. The synchro byte is the first byte of
the block. Up to 8 byte errors may be fixed.
The Code Generator polynomial is:
over the Galois Field generated by:
Energy dispersal descrambler and output energy
dispersal descrambler generator:
The polynomial is initialized every eight blocks
with the sequence 100101010000000.
The synchro words are unscrambled and the
scrambler is reset every 8 packets.
The output interface may be forced into high
impedance mode by setting bit 0 of Address 28.
Doing
this
affects
the
D[7:0],
CLK_OUT,
STR_OUT, D/P and ERROR pins. This also allows
for board testing, and “OR” wiring several link
circuits (for example, cable links). The output
stream is either parallel (byte stream) or serial (bit
stream) depending on bit 1 of Address 28.
The outputs are controlled by the RS Control
Register in Address 33.
4.6.7
Parallel Output Interface
A schematic diagram of the parallel output
interface is shown in Figure 7. The parallel output
format is compliant with the DVB common
interface protocol.
When the SYNC is not found (LK = 0 in the status
register), D/P (corresponding to the MiVAL signal
of the DVB common interface standard) remains
at a low level.
CLK_OUT has a duty cycle between 40 and 60%.
gx
()
x
ω
0
–
() x ω
1
–
() …
…
() x ω
15
–
()
=
x
8
x
4
x
3
x
2
10
=
+
+++
x
15
x
14
1
++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com