Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 13Page - STMicroelectronics STV0299B Datasheet HTML 14Page - STMicroelectronics STV0299B Datasheet HTML 15Page - STMicroelectronics STV0299B Datasheet HTML 16Page - STMicroelectronics STV0299B Datasheet HTML 17Page - STMicroelectronics STV0299B Datasheet HTML 18Page - STMicroelectronics STV0299B Datasheet HTML 19Page - STMicroelectronics STV0299B Datasheet HTML 20Page - STMicroelectronics STV0299B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
STV0299B
17/36
4
FUNCTIONAL DESCRIPTION (continued)
4.6.8
Serial Output Interface
The serial output interface is shown in Figure 6.
The
serial
bit
stream
is
available
on
D7,
where MSB is first to reconstruct the original
order. If RS0 = 0, then the parity bits are output
(Register 33). If RS0 = 1, the data is null during
the parity time slots.
STR_OUT is only high during the first bit of each
packet, instead of during the first byte in parallel
mode.
ERROR has the same function as in parallel
mode.
CLK_OUT is the serial bit clock; it is derived from
either the master clock, M_CLK, (if SerClk = 0 in
Registers 02 and B3), or from the internal VCO
frequency divided by 6, (if SerClk = 1), by skipping
some pulses to accommodate the frequency
difference.
All of the outputs are synchronous of the same
master clock edge.
D0, STR_OUT, D/P and ERROR may be properly
sampled
externally
by
the
rising
edge
of
CLK_OUT, if RS1 = 0, or by the falling edge of
CLK_OUT
if
RS1 = 1.
This
clock
runs
continuously, even during parity data, whatever
the value of RS0.
The first bit detected in a valid packet may be
decoded if it is found on the appropriate edge of
CLK_OUT, where STR_OUT = 1, ERROR = 0,
D/P = 1. The following bits only require the
assertion of D/P (while D/P = 1,...).
Outputs D0 to D6 remain at low level in serial
mode.
Figure 6:
Serial Output Interface
Figure 7:
Parallel Output Interface
D7
STR_OUT
ERROR
RS0 = 0
RS0 = 1
RS0 = 0
RS0 = 1
RS1 = 1
RS1 = 0
D/P
Data
Parity
Parity
Useful Data
1 Packet
First bit of the packet
1/f
M-CLK
CLK_OUT
or 6/f
VCO
Data
Parity
No Error
Uncorrectible Packet
No Error
CLK_OUT
D/P
STR_OUT
ERROR
RS1 = 0
RS1 = 1
RS0 = 0
RS0 = 1
RS0 = 0
RS0 = 1
RS0 = 0
RS0 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com