Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 22Page - STMicroelectronics STV0299B Datasheet HTML 23Page - STMicroelectronics STV0299B Datasheet HTML 24Page - STMicroelectronics STV0299B Datasheet HTML 25Page - STMicroelectronics STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
STV0299B
5REGISTER LIST (continued)
26/36
VITERBI AND SYNCHRO SEARCH REGISTER (refer to
Section 4.6.2 on page 15)
VSEARCH
32
19
7
0: Automatic search mode
1: Manual search mode
6Freeze
[5:4]
SN[1:0]
This is the averaging period. The field gives the number of bits
required to calculate the rate error.
00 = 1024
01 = 4096
10 = 16384
11 = 65536
Reset Value: SN = 01 (4096 bits)
[3:2]
TO[1:0]
This is the time out value (given in 1024-bit periods). This field is used
to program the maximum duration of the synchro word research in
automatic mode. If no sync is found within this duration, and if bit RS6
(Sync Enable) is set in the Reed-Solomon register, another phase or
puncture rate is tried. If RS6 = 0, the time-out has no effect.
00 = 16
01 = 32
10 = 64
11 = 128
Reset Value: TO = 10 (64k bit periods)
[1:0]
H[1:0]
This is the hysteresis value. This field is used to program the maxi-
mum value of the Sync counter. The unit is the block duration
(204 bytes in DVB, 147 in DSS).
00: 16
01: 32
10: 64
11: 128
Reset Value: H = 01 (32 blocks)
Name
HEX
Address
Reset
Value
Bit
Position
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com