Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 19Page - STMicroelectronics STV0299B Datasheet HTML 20Page - STMicroelectronics STV0299B Datasheet HTML 21Page - STMicroelectronics STV0299B Datasheet HTML 22Page - STMicroelectronics STV0299B Datasheet HTML 23Page - STMicroelectronics STV0299B Datasheet HTML 24Page - STMicroelectronics STV0299B Datasheet HTML 25Page - STMicroelectronics STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
STV0299B
5REGISTER LIST (continued)
23/36
TIMING LOCK SETTING REGISTER (refer to )
TLSR
11
88
[7:4]
Must be programmed to 8 (to be confirmed)
[3:0]
Must be programmed to 4 (to be confirmed)
CARRIER FREQUENCY DETECTOR REGISTER (refer to
Chapter 4.4 on page 14)
CFD
12
F7
7
1: Carrier Frequency Offset Detector coupled to Carrier recover loop
0: Carrier Frequency Offset Detector disabled
[6:4]
Gain for Carrier Frequency Offset Detector
[3:2]
Time constant for Carrier Frequency Offset Detector
[1:0]
Lock Detector threshold to disable the Carrier Frequency Offset
Detector:
00: -16
01: -32
10: -48
11: -64
ALPHA CARRIER AND NOISE ESTIMATOR REGISTER (refer to
Chapter 4.5 on page 14)
ACLC
13
88
7
Derotator On/Off
1: On
0: Off
6
This bit must be programmed to zero.
[5:4]
Noise Estimator Time Constant
00: 4 k symbols
01: 16 k symbols
10: 64 k symbols
11: 256 k symbols
[3:0]
alpha_car
Bits 3, 2 and 1: b[2:0]
Bit 0: a
BETA CARRIER REGISTER (refer to
Chapter 4.4 on page 14)
BCLC
14
5C
[7:6]
phase_detector_algo
Phase detector algorithm:
00: Algorithm 0 (BPSK application)
01: Algorithm 1 (QPSK application)
10: Algorithm 2 (QPSK application)
11: Reserved
[5:0]
beta_car
Bits 5 to 2: e[3:0]
Bit 1: c
Bit 0: d
CARRIER LOCK DETECTOR THRESHOLD REGISTER (refer to
Section 4.4.2 on page 14)
CLDT
15
14
[7:0]
Signed Number
AGC1 INTEGRATOR REGISTER (refer to
Section 4.2.2 on page 12)
AGC1I
16
[7:0]
AGC Integrator Value (Signed Number)
TIMING LOCK INDICATOR REGISTER (refer to
Section 4.3.3 on page 13)
TLIR
17
R0
[7:0]
(Not Signed)
Name
HEX
Address
Reset
Value
Bit
Position
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com