Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics STV0299B Datasheet HTML 31Page - STMicroelectronics STV0299B Datasheet HTML 32Page - STMicroelectronics STV0299B Datasheet HTML 33Page - STMicroelectronics STV0299B Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
STV0299B
30/36
6
ELECTRICAL CHARACTERISTICS (continued)
6.3 DC Electrical Characteristics (continued)
VDD = 2.5 V, VDD_3.3 V = 3.3 V and Tamb =25°C unless otherwise specified.
Note:
1
Test conditions: Fclock = 52MHz, FIN = 8MHz, VIN = 0.5 Vpp
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RESET
VILT
VIHT
Low Level Threshold Falling Input
High Level Threshold Falling Input
0.8
2.0
V
V
CLK_IN
VIL
VIH
Low Level Input Voltage
High Level Input Voltage
0.8
2.0
V
V
CIN
Input Capacitance
3
pF
AGC/SDA/SCL/SDAT/SCLT
VOIL
Low Level Output Voltage
ISINK =2mA
0.4
V
ILK
Input Leakage Current
VAGC =5.5 V
4.0
µA
A/D CONVERTER
Vin
Differential Input Voltage
0.4
0.5
0.8
Vpp
VTOP
High Voltage Reference
1.5
V
VBOT
Low Voltage Reference
1
V
Rin
DC Input Resistance
I/Q Inputs
106
∞Ω
Cin
Input Capacitance
I/Q Inputs
5
pF
INL
Integral Non-Linearity
-1.5
+1.5
LSB
DNL
Differential Non-Linearity
-0.8
+0.8
LSB
SNR
Signal to Noise Ratio
30
33
36
dB
Neff
Effective Number of bits(1)
5.0
5.5
6.0
bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com