Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 16Page - STMicroelectronics STV0299B Datasheet HTML 17Page - STMicroelectronics STV0299B Datasheet HTML 18Page - STMicroelectronics STV0299B Datasheet HTML 19Page - STMicroelectronics STV0299B Datasheet HTML 20Page - STMicroelectronics STV0299B Datasheet HTML 21Page - STMicroelectronics STV0299B Datasheet HTML 22Page - STMicroelectronics STV0299B Datasheet HTML 23Page - STMicroelectronics STV0299B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
STV0299B
5REGISTER LIST (continued)
20/36
AUXILIARY CLOCK REGISTER (refer to
Section 4.1.8 on page 8)
ACR
03
2A
[7:0]
ACR Prescaler and Divider
This register is made up of the ACR [7:5] Prescaler field and the ACR
[4:0] Divider field. The values in these fields configure the auxiliary
clock function, the prescalar value, the clock signal frequency.
The frequency range is given for fVCO =400 MHz.
ACR [7:0]
Function
Prescaler
Signal Frequency
Range
000XXXX0
Output
Port
N/A
output port = 0
N/A
000XXXX1
Output
Port
N/A
output port = 1
N/A
001XXXXX
HF
generator
1
fVCO/8/ACR[4:0]
1.6 to
50 MHz
010XXXXX
LF
generator
64
fVCO/8192/(32+ACR[4:0])
775 to
1525 Hz
011XXXXX
LF
generator
128
fVCO/16384/(32+ACR[4:0])
388 to
762 Hz
100XXXXX
LF
generator
256
fVCO/32768/(32+ACR[4:0])
194 to
381 Hz
101XXXXX
LF
generator
512
fVCO/65536/(32+ACR[4:0])
97 to
190 Hz
110XXXXX
LF
generator
1024
fVCO/131072/(32+ACR[4:0])
49 to
95 Hz
111XXXXX
LF
generator
2048
fVCO/262144/(32+ACR[4:0])
24 to
47 Hz
In
the
LF
generator,
the
programmable
division
factor
is
32 + ACR[4:0]. In the HF generator, it is simply ACR[4:0]. This allows
the building of any frequency from 24 Hz to 1.1 kHz (within ±1.5%) in
the full operating range. The output signal is square in all cases.
When the auxiliary register is written, the prescaler and the program-
mable divider are reset.
F22 FREQUENCY REGISTER (refer to
Section 4.1.8 on page 8)
F22FR
04
8E
[7:0]
The actual frequency is fVCO/(128 R[7:0]). When this register is
accessed, the divider by 16 (also common to AUX_CLK) and the
divider by R[7:0] are initialized.
I2CRPT REGISTER (refer To
Section 4.1.10 on page 10)
I2CRPT
05
0F
7
I2CT
1: I2C repeater
0: Output port
[6]
Must be programmed to zero.
[5:4]
Repeater response time; value does not matter if the external time
constant
≤ 250ns.
[3]
Must be programmed to zero.
2
SCLT Port value
1
This bit must be programmed to zero.
0
SDAT Port value
Name
HEX
Address
Reset
Value
Bit
Position
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com