Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 25 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 21Page - STMicroelectronics STV0299B Datasheet HTML 22Page - STMicroelectronics STV0299B Datasheet HTML 23Page - STMicroelectronics STV0299B Datasheet HTML 24Page - STMicroelectronics STV0299B Datasheet HTML 25Page - STMicroelectronics STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
STV0299B
5REGISTER LIST (continued)
25/36
VERROR REGISTER (Read Only) (refer to
Section 4.6.2 on page 15)
VERROR
26
RO
[7:0]
Error Rate (Not Signed)
FEC MODE REGISTER (refer to
Section 4.6.1 on page 15)
FECM
28
01
[7:4]
FEC Mode
This field indicates the FEC Operation mode and the FEC feeding.
0000: DVB (QPSK), FEC feeding IQ/IQ/IQ/IQ
0001: DVB (BPSK extension), FEC feeding IX/IX/IX/IX
001X: Reserved
0100: DSS, FEC feeding IQ/IQ/IQ/IQ
1XXX: Reserved
[3:2]
These bits must be programmed to zero.
1
Output Type
1: Serial
0: Parallel
0
Output Impedance
1: High Impedance
0: Normal Impedance
VITERBI THRESHOLD REGISTERS (refer to
Section 4.6.2 on page 15)
VTH0
29
1E
[7:0]
Rate = 1/2 Threshold.
VTH1
2A
14
[7:0]
Rate = 2/3 Threshold.
VTH2
2B
0F
[7:0]
Rate = 3/4 Threshold.
VTH3
2C
09
[7:0]
Rate = 5/6 Threshold.
VTH4
2D
05
[7:0]
Rate = 7/8 or 6/7 Threshold.
PUNCTURE RATE AND SYNCHRO REGISTER (refer to
Section 4.6.2 on page 15)
PR
31
1F
[7:6:5]
These bits must be programmed to zero.
4
Enable punctured rates 7/8 (in DVB) or 6/7 (in DSS).
3
Enable punctured rate 5/6.
2
Enable punctured rate 3/4.
1
Enable punctured rate 2/3.
0
Enable basic or punctured rate 1/2.
Name
HEX
Address
Reset
Value
Bit
Position
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com