Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 20Page - STMicroelectronics STV0299B Datasheet HTML 21Page - STMicroelectronics STV0299B Datasheet HTML 22Page - STMicroelectronics STV0299B Datasheet HTML 23Page - STMicroelectronics STV0299B Datasheet HTML 24Page - STMicroelectronics STV0299B Datasheet HTML 25Page - STMicroelectronics STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
STV0299B
5REGISTER LIST (continued)
24/36
AGC2 INTEGRATOR REGISTERS (refer to
Section 4.2.5 on page 12)
AGC2I1 (MSB)
18
[7:0]
AGC2 Integrator MSB Bits (Not Signed)
AGC2I2 (LSB)
19
[7:0]
AGC2 Integrator LSB Bits (Not Signed)
TIMING FREQUENCY REGISTER (refer to
Section 4.3.1 on page 13)
RTF
1A
[7:0]
Signed Number
VSTATUS REGISTER (Read Only) (refer to
Section 4.6.3 on page 16)
VSTATUS
1B
RO
7
Carrier Found Flag
When the Carrier Found (CF) flag (see Chapter 4.4 on page 14) is
set, it indicates that a QPSK signal is present at the input of the Viterbi
decoder.
[6:5]
Not relevant.
4
Puncture Rate Found
The Puncture Rate Found (PRF) bit indicates the state of the punc-
ture rate research: 0 for searching and 1 when found. This bit is irrele-
vant in manual mode.
3
Locked/Searching Sync Word
The LK bit indicates the state of the sync word search: 0 for searching
and 1 when found.
[2:0]
Current Puncture Rate, PR[2:0]
The Current Puncture Rate (CPR) bits hold the current puncture rate
indices, as follows:
100: Basic 1/2 (modes DVB and DSS) or Punctured 1/2 (reserved
mode)
000: Punctured 2/3
001: Punctured 3/4
010: Punctured 5/6
011: Punctured 7/8 (modes DVB and DSS) or 6/7 (reserved mode)
CARRIER LOCK DETECTOR VALUE REGISTER (refer to
Section 4.4.2 on page 14)
CLDI
1C
[7:0]
Signed Number
ERROR COUNT REGISTERS (refer to
Section 4.6.4 on page 16)
ERRCNT_HIGH
1D
[7:0]
MSB byte (Not Signed)
ERRCNT_LOW
1E
[7:0]
LSB byte (Not Signed)
SYMBOL FREQUENCY REGISTERS (refer to
Section 4.3.1 on page 13)
SFRH
1F
80
[7:0]
Symb_freq (MSBs)
The reset value of Hex 800000 corresponds to fM_CLK/2.
SFRM
20
00
[7:0]
Symb_freq (Middle SBS)
SFRL
21
00
[7:4]
Symb_freq (LSBS)
[3:0]
These bits must be programmed to zero.
CARRIER FREQUENCY REGISTER (refer to
Chapter 4.4 on page 14)
CFRM
22
[7:0]
Derotator Frequency (MSB) (signed value)
CFRL
23
[7:0]
Derotator Frequency (LSB) (signed value)
NOISE INDICATOR REGISTERS (Read Only) (refer to
Chapter 4.5 on page 14)
NIRH
24
RO
[7:0]
Noise Indicator (MSB) (Not Signed)
NIRL
25
RO
[7:0]
Noise Indicator (LSB) (Not Signed)
Name
HEX
Address
Reset
Value
Bit
Position
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com