Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 29 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 25Page - STMicroelectronics STV0299B Datasheet HTML 26Page - STMicroelectronics STV0299B Datasheet HTML 27Page - STMicroelectronics STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics STV0299B Datasheet HTML 31Page - STMicroelectronics STV0299B Datasheet HTML 32Page - STMicroelectronics STV0299B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
STV0299B
29/36
6
ELECTRICAL CHARACTERISTICS
6.1 Absolute Maximum Ratings
Maximum limits indicate where permanent device
damages occur. Continuous operation at these
limits is not intended, and should be limited to
those conditions specified in Section 6.3 ‘DC
Electrical Characteristics’.
Note:
1
Except for AGC, SDA, SCL, SDAT, SCLT pin, which can be connected to 5 V +10% via a resistor.
6.2 Thermal Data
Note:
2
Single-layer PCB.
Note:
3
Multi-layer PCB.
6.3 DC Electrical Characteristics
VDD = 2.5 V, VDD_3.3 V = 3.3 V and Tamb =25°C unless otherwise specified.
Symbol
Parameter
Value
Unit
VDD_3.3 V
Pad Power Supply Voltage
4.0
V
VDD
Core Level Power Supply Voltage
3.0
V
V
I(1)
Voltage on Input Pins
-0.5, VDD_3.3 V +0.5
V
V
O(1)
Voltage on Output Pins
-0.5, VDD_3.3 V +0.5
V
Tstg
Storage Temperature
-40, +150
°C
Toper
Operating Ambient Temperature
-10, +70
°C
Tj
Junction Temperature
+125
°C
Symbol
Parameter
Max. Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance
70(4)
45(5)
°C/W
Rth(j-c)
Junction-case Thermal Resistance
11
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD_3.3 V
Operating Voltage
3.0
3.3
3.6
V
VDD_core
Operating Voltage
2.3
2.5
2.7
V
VDDA
Operating Voltage
Circuit in stand-by
2.2
2.5
2.6
V
VDD_STDBY
Operating Voltage
Circuit in stand-by
2.3
2.5
2.7
V
IDD 30M
Average
VDD_2.5V Current
VDD=2.7V = 76MHz
200
mA
IDDA 30M
Average VDDA Current
VDD=2.6V = 76MHz
50
mA
IDD 45M
Average
VDD_2.5V Current
VDD=2.7V = 88MHz
240
mA
IDDA 45M
Average VDDA Current
VDD=2.6V = 88MHz
50
mA
IDDsb
Average Current in Standby Mode
VCO stopped
0.5
4
mA
VIL
VIH
Low Level Input Voltage
High Level Input Voltage
2.0
0.8
V
V
ILK
Input Leakage Current
3.6 V
1
µA
VOL
VOH
High Level Output Voltage
Low Level Output Voltage
VDD_3.3 V = 3.3 V - 10%
ISOURCE =1.6 mA
2.4
0.4
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com