Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0299B Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV0299B
Description  QPSK/BPSK LINK IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0299B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV0299B Datasheet HTML 28Page - STMicroelectronics STV0299B Datasheet HTML 29Page - STMicroelectronics STV0299B Datasheet HTML 30Page - STMicroelectronics STV0299B Datasheet HTML 31Page - STMicroelectronics STV0299B Datasheet HTML 32Page - STMicroelectronics STV0299B Datasheet HTML 33Page - STMicroelectronics STV0299B Datasheet HTML 34Page - STMicroelectronics STV0299B Datasheet HTML 35Page - STMicroelectronics STV0299B Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
STV0299B
32/36
6
ELECTRICAL CHARACTERISTICS (continued)
6.5 I2C Bus Characteristics
Figure 12: I
2C bus timing diagram
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIL
VIH
Low Level Input Voltage
High Level Input Voltage
Pull up to 5 V
±10%
-0.5
2.0
0.8
5.5
V
V
VOH
VOL
High Level Output Voltage
Low Level Output Voltage
Pull up to 5 V
±10%
5.5
0.4
V
V
ILK
Input Leakage Current
VIN = 0 V to 5 V
-10
10
µA
CIN
Input Capacitance
0
3.5
pF
IOL
Output Sink Current
VOL =0.5 V
10
mA
fSCLN
fSCLS
SCL Clock Frequency
Normal Mode
Standby Mode
0
0
fM_CLK/40
fCLK_IN/10
-
-
tBUF
Bus Free Time between a STOP and START
Condition
1.3
µs
tHD, STA
Hold Time (repeated) START Condition. After
this period, the first clock pulse is generated.
0.6
µs
tLOW
tHIGH
Low Period of the SCL Clock
High Period of the SCL Clock
1.3
0.6
µs
µs
tSU, STA
Setup Time for a repeated START Condition
0.6
µs
tSU, STO
Setup Time for STOP Condition
0.6
µs
tSU, DAT
Data Setup Time
100
ns
tR, tF
Rise and Fall Time of both SDA and SCL sig-
nals
300
ns
CB
Capacitive Load for each Bus Line
400
pF
t
BU F
t
LOW
t
HIGH
t
SP
t
HD ,STA
t
F
t
R
t
SU ,DAT
t
SU ,STA
t
SU ,STO
SD A
SC L
t
HD ,STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com